Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 110Page - Renesas Technology Corp H8S2245 Datasheet HTML 111Page - Renesas Technology Corp H8S2245 Datasheet HTML 112Page - Renesas Technology Corp H8S2245 Datasheet HTML 113Page - Renesas Technology Corp H8S2245 Datasheet HTML 114Page - Renesas Technology Corp H8S2245 Datasheet HTML 115Page - Renesas Technology Corp H8S2245 Datasheet HTML 116Page - Renesas Technology Corp H8S2245 Datasheet HTML 117Page - Renesas Technology Corp H8S2245 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 818 page
background image
Section 3 MCU Operating Modes
Rev.3.00 Mar. 26, 2007 Page 72 of 772
REJ09B0355-0300
The external expansion modes allow switching between 8-bit and 16-bit bus modes. After program
execution starts, an 8-bit or 16-bit address space can be set for each area, depending on the bus
controller setting. If 16-bit access is selected for any one area, 16-bit bus mode is set; if 8-bit
access is selected for all areas, 8-bit bus mode is set.
Note that the functions of each pin depend on the operating mode.
The H8S/2245 Group can be used only in modes 1 to 7. This means that the mode pins must be set
to select one of these modes. Do not change the inputs at the mode pins during operation.
3.1.2
Register Configuration
The H8S/2245 Group has a mode control register (MDCR) that indicates the inputs at the mode
pins (MD
2 to MD0), and a system control register (SYSCR) that controls the operation of the
H8S/2245 Group. Table 3.2 summarizes these registers.
Table 3.2
Register Configuration
Name
Abbreviation
R/W
Initial Value
Address*
Mode control register
MDCR
R
Undetermined
H'FF3B
System control register
SYSCR
R/W
H'01
H'FF39
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com