Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 114Page - Renesas Technology Corp H8S2245 Datasheet HTML 115Page - Renesas Technology Corp H8S2245 Datasheet HTML 116Page - Renesas Technology Corp H8S2245 Datasheet HTML 117Page - Renesas Technology Corp H8S2245 Datasheet HTML 118Page - Renesas Technology Corp H8S2245 Datasheet HTML 119Page - Renesas Technology Corp H8S2245 Datasheet HTML 120Page - Renesas Technology Corp H8S2245 Datasheet HTML 121Page - Renesas Technology Corp H8S2245 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 818 page
background image
Section 3 MCU Operating Modes
Rev.3.00 Mar. 26, 2007 Page 76 of 772
REJ09B0355-0300
3.3.4
Mode 4
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is disabled.
Pins P1
3 to P10, and ports A, B, and C function as an address bus, ports D and E function as a data
bus, and part of port F carries bus control signals. Pins P1
3 to P10 function as input ports
immediately after a reset. They can each be set to output address use by setting the corresponding
bits in the data direction register (DDR) to 1.
The initial bus mode after a reset is 16 bits, with 16-bit access to all areas. However, note that if 8-
bit access is designated by the bus controller for all areas, the bus mode switches to 8 bits.
3.3.5
Mode 5
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is disabled.
Pins P1
3 to P10, and ports A, B, and C function as an address bus, ports D functions as a data bus,
and part of port F carries bus control signals. Pins P1
3 to P10 function as input ports immediately
after a reset. They can each be set to output address use by setting the corresponding bits in the
data direction register (DDR) to 1.
The initial bus mode after a reset is 8 bits, with 8-bit access to all areas. However, note that if at
least one area is designated for 16-bit access by the bus controller, the bus mode switches to 16
bits and port E becomes a data bus.
3.3.6
Mode 6
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is enabled.
Pins P1
3 to P10, and ports A, B, and C function as input ports immediately after a reset. They can
each be set to output addresses by setting the corresponding bits in the data direction register
(DDR) to 1. Port D functions as a data bus, and part of port F carries bus control signals.
The initial bus mode after a reset is 8 bits, with 8-bit access to all areas. However, note that if at
least one area is designated for 16-bit access by the bus controller, the bus mode switches to 16
bits and port E becomes a data bus.
Note:
Mode 6 cannot be used in the H8S/2240.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com