Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 188Page - Renesas Technology Corp H8S2245 Datasheet HTML 189Page - Renesas Technology Corp H8S2245 Datasheet HTML 190Page - Renesas Technology Corp H8S2245 Datasheet HTML 191Page - Renesas Technology Corp H8S2245 Datasheet HTML 192Page - Renesas Technology Corp H8S2245 Datasheet HTML 193Page - Renesas Technology Corp H8S2245 Datasheet HTML 194Page - Renesas Technology Corp H8S2245 Datasheet HTML 195Page - Renesas Technology Corp H8S2245 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 150 of 772
REJ09B0355-0300
6.3.6
Chip Select Signals
The H8S/2245 Group can output chip select signals (
CS0 to CS3) to areas 0 to 3, the signal being
driven low when the corresponding external space area is accessed. In normal mode, only the
CS0
signal can be output.
Figure 6.3 shows an example of
CSn (n = 0 to 3) output timing.
Enabling or disabling of the
CSn signal is performed by setting the data direction register (DDR)
for the port corresponding to the particular
CSn pin.
In ROM-disabled expansion mode, the
CS0 pin is placed in the output state after a power-on reset.
Pins
CS1 to CS3 are placed in the input state after a power-on reset, and so the corresponding
DDR should be set to 1 when outputting signals
CS1 to CS3.
In ROM-enabled expansion mode, pins
CS0 to CS3 are all placed in the input state after a power-
on reset, and so the corresponding DDR should be set to 1 when outputting signals
CS0 to CS3.
For details, see section 8, I/O Ports.
Bus cycle
T1
T2
T3
Area n external address
Address bus
φ
CSn
Figure 6.3
CSn
CSn
CSn
CSn Signal Output Timing (n = 0 to 3)
6.4
Basic Timing
The CPU is driven by a system clock (
φ), denoted by the symbol φ. The period from one rising
edge of
φ to the next is referred to as a "state." The memory cycle or bus cycle consists of one,
two, or three states. Different methods are used to access on-chip memory, on-chip peripheral
modules, and the external address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com