Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 191Page - Renesas Technology Corp H8S2245 Datasheet HTML 192Page - Renesas Technology Corp H8S2245 Datasheet HTML 193Page - Renesas Technology Corp H8S2245 Datasheet HTML 194Page - Renesas Technology Corp H8S2245 Datasheet HTML 195Page - Renesas Technology Corp H8S2245 Datasheet HTML 196Page - Renesas Technology Corp H8S2245 Datasheet HTML 197Page - Renesas Technology Corp H8S2245 Datasheet HTML 198Page - Renesas Technology Corp H8S2245 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 153 of 772
REJ09B0355-0300
6.4.3
External Address Space Access Timing
The external address space is accessed with an 8-bit or 16-bit data bus width in a two-state or
three-state bus cycle. In three-state access, wait states can be inserted. For further details, refer to
section 6.5.4, Basic Timing.
6.5
Basic Bus Interface
6.5.1
Overview
The basic bus interface enables direct connection of ROM, SRAM, and so on.
The bus specifications can be selected with ABWCR, ASTCR, WCRH, and WCRL (see table
6.3).
6.5.2
Data Size and Data Alignment
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus
controller has a data alignment function, and when accessing external space, controls whether the
upper data bus (D
15 to D8) or lower data bus (D7 to D0) is used according to the bus specifications
for the area being accessed (8-bit access space or 16-bit access space) and the data size.
8-Bit Access Space
Figure 6.8 illustrates data alignment control for the 8-bit access space. With the 8-bit access space,
the upper data bus (D
15 to D8) is always used for accesses. The amount of data that can be accessed
at one time is one byte: a word transfer instruction is performed as two byte accesses, and a
longword transfer instruction, as four byte accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com