Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 223Page - Renesas Technology Corp H8S2245 Datasheet HTML 224Page - Renesas Technology Corp H8S2245 Datasheet HTML 225Page - Renesas Technology Corp H8S2245 Datasheet HTML 226Page - Renesas Technology Corp H8S2245 Datasheet HTML 227Page - Renesas Technology Corp H8S2245 Datasheet HTML 228Page - Renesas Technology Corp H8S2245 Datasheet HTML 229Page - Renesas Technology Corp H8S2245 Datasheet HTML 230Page - Renesas Technology Corp H8S2245 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 185 of 772
REJ09B0355-0300
7.2.7
DTC Enable Registers (DTCER)
7
DTCE7
0
R/W
6
DTCE6
0
R/W
5
DTCE5
0
R/W
4
DTCE4
0
R/W
3
DTCE3
0
R/W
0
DTCE0
0
R/W
2
DTCE2
0
R/W
1
DTCE1
0
R/W
Bit
Initial value
R/W
:
:
:
The DTC enable registers comprise six 8-bit readable/writable registers, DTCERA to DTCERF,
with bits corresponding to the interrupt sources that can activate the DTC. These bits enable or
disable DTC service for the corresponding interrupt sources.
The DTC enable registers are initialized to H'00 by a reset and in hardware standby mode.
Bit n—DTC Activation Enable (DTCEn)
Bit n
DTCEn
Description
0
DTC activation by this interrupt is disabled
(Initial value)
[Clearing conditions]
1. When DISEL = 1 and data transfer ends
2. When the specified number of transfers end
1
DTC activation by this interrupt is enabled
[Holding condition]
When DISEL = 0 and the specified number of transfers have not ended
Note:
n = 7 to 0
A DTCE bit can be set for each interrupt source that can activate the DTC. The correspondence
between interrupt sources and DTCE bits is shown in table 7.3, together with the vector number
generated for each interrupt controller.
For DTCE bit setting, use bit manipulation instructions such as BSET and BCLR. If all interrupts
are masked, multiple activation sources can be set at one time by writing data after executing a
dummy read on the relevant register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com