Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2245 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 227Page - Renesas Technology Corp H8S2245 Datasheet HTML 228Page - Renesas Technology Corp H8S2245 Datasheet HTML 229Page - Renesas Technology Corp H8S2245 Datasheet HTML 230Page - Renesas Technology Corp H8S2245 Datasheet HTML 231Page - Renesas Technology Corp H8S2245 Datasheet HTML 232Page - Renesas Technology Corp H8S2245 Datasheet HTML 233Page - Renesas Technology Corp H8S2245 Datasheet HTML 234Page - Renesas Technology Corp H8S2245 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 818 page
background image
Section 7 Data Transfer Controller
Rev.3.00 Mar. 26, 2007 Page 189 of 772
REJ09B0355-0300
Table 7.2 outlines the functions of the DTC.
Table 7.2
DTC Functions
Address Registers
Transfer Mode
Activation Source
Transfer
Source
Transfer
Destination
• Normal mode
 One transfer request transfers one
byte or one word
 Memory addresses are incremented
or decremented by 1 or 2
 Up to 65,536 transfers possible
• Repeat mode
 One transfer request transfers one
byte or one word
 Memory addresses are incremented
or decremented by 1 or 2
 After the specified number of transfers
(1 to 256), the initial state resumes and
operation continues
• Block transfer mode
 One transfer request transfers a block
of the specified size
 Block size is from 1 to 256 bytes or
words
 Up to 65,536 transfers possible
 A block area can be designated at either
the source or destination
• IRQ
• TPU TGI
• 8-bit timer CMI
• SCI TXI or RXI
• A/D converter ADI
• Software
24 bits
24 bits
7.3.2
Activation Sources
The DTC operates when activated by an interrupt or by a write to DTVECR by software. An
interrupt request can be directed to the CPU or DTC, as designated by the corresponding DTCER
bit. An interrupt becomes a DTC activation source when the corresponding bit is set to 1, and a
CPU interrupt source when the bit is cleared to 0.
At the end of a data transfer (or the last consecutive transfer in the case of chain transfer), the
activation source or corresponding DTCER bit is cleared. Table 7.3 shows activation source and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com