Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432351 Datasheet(PDF) 966 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 966 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 962Page - Renesas Technology Corp HD6432351 Datasheet HTML 963Page - Renesas Technology Corp HD6432351 Datasheet HTML 964Page - Renesas Technology Corp HD6432351 Datasheet HTML 965Page - Renesas Technology Corp HD6432351 Datasheet HTML 966Page - Renesas Technology Corp HD6432351 Datasheet HTML 967Page - Renesas Technology Corp HD6432351 Datasheet HTML 968Page - Renesas Technology Corp HD6432351 Datasheet HTML 969Page - Renesas Technology Corp HD6432351 Datasheet HTML 970Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 966 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 932 of 988
REJ09B0330-0300
TSR2—Timer Status Register 2
H'FFF5
TPU2
7
TCFD
1
R
6
—
1
—
5
TCFU
0
R/(W)*
4
TCFV
0
R/(W)*
3
—
0
—
0
TGFA
0
R/(W)*
2
—
0
—
1
TGFB
0
R/(W)*
0
1
TCNT counts down
TCNT counts up
Count Direction Flag
0
Underflow Flag
1
0
Overflow Flag
1
0
Input Capture/Output Compare Flag B
1
0
[Clearing conditions]
• When DTC is activated by TGIA interrupt
while DISEL bit of MRB in DTC is 0
• When DMAC is activated by TGIA interrupt
while DTA bit of DMABCR in DMAC is 1
• When 0 is written to TGFA after reading
TGFA = 1
Input Capture/Output Compare Flag A
1
Note: * Can only be written with 0 for flag clearing.
Bit
Initial value
Read/Write
:
:
:
[Setting conditions]
• When TCNT = TGRA while TGRA is
functioning as output compare register
• When TCNT value is transferred to TGRA by
input capture signal while TGRA is functioning
as input capture register
[Clearing conditions]
• When DTC is activated by TGIB interrupt while
DISEL bit of MRB in DTC is 0
• When 0 is written to TGFB after reading TGFB = 1
[Setting conditions]
• When TCNT = TGRB while TGRB is functioning as
output compare register
• When TCNT value is transferred to TGRB by input
capture signal while TGRB is functioning as input
capture register
[Clearing condition]
When 0 is written to TCFV after reading TCFV = 1
[Setting condition]
When the TCNT value overflows (changes from H'FFFF to H'0000 )
[Clearing condition]
When 0 is written to TCFU after reading TCFU = 1
[Setting condition]
When the TCNT value underflows (changes from H'0000 to H'FFFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com