Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 392Page - Renesas Technology Corp H8SX1663 Datasheet HTML 393Page - Renesas Technology Corp H8SX1663 Datasheet HTML 394Page - Renesas Technology Corp H8SX1663 Datasheet HTML 395Page - Renesas Technology Corp H8SX1663 Datasheet HTML 396Page - Renesas Technology Corp H8SX1663 Datasheet HTML 397Page - Renesas Technology Corp H8SX1663 Datasheet HTML 398Page - Renesas Technology Corp H8SX1663 Datasheet HTML 399Page - Renesas Technology Corp H8SX1663 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 344 of 1102
REJ09B0294-0100
Address bus
B
φ
RD
WR
TEND
DMA read
cycle
DMA write
cycle
DSAR
DDAR
Figure 7.2 Example of Signal Timing in Dual Address Mode
Transfer
Address TA
Address BA
Address update setting is as follows:
Source address increment
Fixed destination address
Address TB
Figure 7.3 Operations in Dual Address Mode
(2) Single Address Mode
In single address mode, data between an external device and an external memory is directly
transferred using the
DACK pin instead of DSAR or DDAR. A transfer at a time is performed in
one bus cycle. In this mode, the data bus width must be the same as the data access size. For
details on the data bus width, see section 6, Bus Controller (BSC).
The DMAC accesses an external device as the transfer source or destination by outputting the
strobe signal (
DACK) to the external device with DACK and accesses the other transfer target by
outputting the address. Accordingly, the DMA transfer is performed in one bus cycle. Figure 7.4
shows an example of a transfer between an external memory and an external device with the
DACK pin. In this example, the external device outputs data on the data bus and the data is written
to the external memory in the same bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com