Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 393Page - Renesas Technology Corp H8SX1663 Datasheet HTML 394Page - Renesas Technology Corp H8SX1663 Datasheet HTML 395Page - Renesas Technology Corp H8SX1663 Datasheet HTML 396Page - Renesas Technology Corp H8SX1663 Datasheet HTML 397Page - Renesas Technology Corp H8SX1663 Datasheet HTML 398Page - Renesas Technology Corp H8SX1663 Datasheet HTML 399Page - Renesas Technology Corp H8SX1663 Datasheet HTML 400Page - Renesas Technology Corp H8SX1663 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 345 of 1102
REJ09B0294-0100
The transfer direction is decided by the DIRS bit in DACR which specifies an external device with
the
DACK pin as the transfer source or destination. When DIRS = 0, data is transferred from an
external memory (DSAR) to an external device with the
DACK pin. When DIRS = 1, data is
transferred from an external device with the
DACK pin to an external memory (DDAR). The
settings of registers which are not used as the transfer source or destination are ignored.
The
DACK signal output is enabled in single address mode by the DACKE bit in DMDR. The
DACK signal is low active.
The
TEND signal output is enabled or disabled by the TENDE bit in DMDR. The TEND signal is
output in one bus cycle. When an idle cycle is inserted before the bus cycle, the
TEND signal is
also output in the idle cycle.
Figure 7.5 shows an example of timing charts in single address mode and figure 7.6 shows an
example of operation in single address mode.
LSI
Data flow
External
address
bus
External
data
bus
DMAC
DACK
DREQ
External
memory
External device
with
DACK
Figure 7.4 Data Flow in Single Address Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com