Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8SX1663 Datasheet(PDF) 400 Page - Renesas Technology Corp

Part # H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Datasheet(HTML) 400 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 396Page - Renesas Technology Corp H8SX1663 Datasheet HTML 397Page - Renesas Technology Corp H8SX1663 Datasheet HTML 398Page - Renesas Technology Corp H8SX1663 Datasheet HTML 399Page - Renesas Technology Corp H8SX1663 Datasheet HTML 400Page - Renesas Technology Corp H8SX1663 Datasheet HTML 401Page - Renesas Technology Corp H8SX1663 Datasheet HTML 402Page - Renesas Technology Corp H8SX1663 Datasheet HTML 403Page - Renesas Technology Corp H8SX1663 Datasheet HTML 404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 1158 page
background image
Section 7 DMA Controller (DMAC)
Rev.1.00 Jun. 07, 2006 Page 348 of 1102
REJ09B0294-0100
Transfer
Total transfer
size (DTCR)
Address TA
Address BA
Address TB
Address BB
Figure 7.8 Operations in Normal Transfer Mode
(2) Repeat Transfer Mode
In repeat transfer mode, one data access size of data is transferred at a single transfer request. Up
to 4 Gbytes can be specified as a total transfer size by DTCR. The repeat size can be specified in
DBSR up to 65536
× data access size.
The repeat area can be specified for the source or destination address side by bits ARS1 and ARS0
in DACR. The address specified as the repeat area returns to the transfer start address when the
repeat size of transfers is completed. This operation is repeated until the total transfer size
specified in DTCR is completed. When H'00000000 is specified in DTCR, it is regarded as the
free running mode and repeat transfer is continued until the DTE bit in DMDR is cleared to 0.
In addition, a DMA transfer can be stopped and a repeat size end interrupt can be requested to the
CPU or DTC when the repeat size of transfers is completed. When the next transfer is requested
after completion of a 1-repeat size data transfer while the RPTIE bit is set to 1, the DTE bit in
DMDR is cleared to 0 and the ESIF bit in DMDR is set to 1 to complete the transfer. At this time,
an interrupt is requested to the CPU or DTC when the ESIE bit in DMDR is set to 1.
The timings of the
TEND and DACK signals are the same as in normal transfer mode.
Figure 7.9 shows the operation in repeat transfer mode while dual address mode is set.
When the repeat area is specified as neither source nor destination address side, the operation is
the same as the normal transfer mode operation shown in figure 7.8. In this case, a repeat size end
interrupt can also be requested to the CPU when the repeat size of transfers is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com