Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C29 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C29 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C29 Datasheet HTML 45Page - Renesas Technology Corp R8C29 Datasheet HTML 46Page - Renesas Technology Corp R8C29 Datasheet HTML 47Page - Renesas Technology Corp R8C29 Datasheet HTML 48Page - Renesas Technology Corp R8C29 Datasheet HTML 49Page - Renesas Technology Corp R8C29 Datasheet HTML 50Page - Renesas Technology Corp R8C29 Datasheet HTML 51Page - Renesas Technology Corp R8C29 Datasheet HTML 52Page - Renesas Technology Corp R8C29 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 471 page
background image
R8C/28 Group, R8C/29 Group
6. Voltage Detection Circuit
Rev.2.10
Sep 26, 2008
Page 32 of 441
REJ09B0279-0210
6.
Voltage Detection Circuit
The voltage detection circuit monitors the input voltage to the VCC pin. This circuit can be used to monitor the VCC
input voltage by a program. Alternately, voltage monitor 0 reset (for N, D version only), voltage monitor 1 interrupt
(for N, D version only), voltage monitor 1 reset, voltage monitor 2 interrupt, and voltage monitor 2 reset can also be
used.
Tables 6.1 and 6.2 list the Specifications of Voltage Detection Circuit and Figures 6.1 to 6.6 show the Block Diagrams.
Figures 6.7 to 6.12 show the associated registers.
Table 6.1
Specifications of Voltage Detection Circuit (N, D Version)
Item
Voltage Detection 0
Voltage Detection 1
Voltage Detection 2
VCC Monitor
Voltage to monitor
Vdet0
Vdet1
Vdet2
Detection target
Whether passing
through Vdet0 by rising
or falling
Passing through Vdet1 by
rising or falling
Passing through Vdet2 by
rising or falling
Monitor
None
VW1C3 bit in VW1C
register
VCA13 bit in VCA1
register
Whether VCC is higher or
lower than Vdet1
Whether VCC is higher or
lower than Vdet2
Process
When Voltage
is Detected
Reset
Voltage monitor 0 reset
Voltage monitor 1 reset
Voltage monitor 2 reset
Reset at Vdet0 > VCC;
restart CPU operation at
VCC > Vdet0
Reset at Vdet1 > VCC;
restart CPU operation
after a specified time
Reset at Vdet2 > VCC;
restart CPU operation
after a specified time
Interrupt
None
Voltage monitor 1 interrupt Voltage monitor 2 interrupt
Interrupt request at Vdet1
> VCC and VCC > Vdet1
when digital filter is
enabled;
interrupt request at Vdet1
> VCC or VCC > Vdet1
when digital filter is
disabled
Interrupt request at Vdet2
> VCC and VCC > Vdet2
when digital filter is
enabled;
interrupt request at Vdet2
> VCC or VCC > Vdet2
when digital filter is
disabled
Digital Filter
Switch
enabled/disabled
Available
Available
Available
Sampling time
(Divide-by-n of fOCO-S)
× 4
n: 1, 2, 4, and 8
(Divide-by-n of fOCO-S)
× 4
n: 1, 2, 4, and 8
(Divide-by-n of fOCO-S)
× 4
n: 1, 2, 4, and 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com