Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C29 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R8C29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C29 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R8C29 Datasheet HTML 89Page - Renesas Technology Corp R8C29 Datasheet HTML 90Page - Renesas Technology Corp R8C29 Datasheet HTML 91Page - Renesas Technology Corp R8C29 Datasheet HTML 92Page - Renesas Technology Corp R8C29 Datasheet HTML 93Page - Renesas Technology Corp R8C29 Datasheet HTML 94Page - Renesas Technology Corp R8C29 Datasheet HTML 95Page - Renesas Technology Corp R8C29 Datasheet HTML 96Page - Renesas Technology Corp R8C29 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 471 page
background image
R8C/28 Group, R8C/29 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 76 of 441
REJ09B0279-0210
Figure 10.4
OCD Register
Oscillation Stop Detection Register
(1)
Symbol
Address
After Reset
OCD
000Ch
00000100b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
The OCD3 bit remains 0 (XIN clock oscillates) if bits OCD1 to OCD0 are set to 00b.
The CM14 bit is set to 0 (low -speed on-chip oscillator on) if the OCD2 bit is set to 1 (on-chip oscillator clock
selected).
Refer to Figure 10.18 Procedure for Sw itching Clock Source from Low -Speed On-Chip Oscillator to XIN
Clock for the sw itching procedure w hen the XIN clock re-oscillates after detecting an oscillation stop.
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting to the OCD register.
The OCD2 bit is automatically set to 1 (on-chip oscillator clock selected) if a XIN clock oscillation stop is detected
w hile bits OCD1 to OCD0 are set to 11b. If the OCD3 bit is set to 1 (XIN clock stopped), the OCD2 bit remains
unchanged even w hen set to 0 (XIN clock selected).
The OCD3 bit is enabled w hen the OCD0 bit is set to 1 (oscillation stop detection function enabled).
Set bits OCD1 to OCD0 to 00b before entering stop mode, high-speed on-chip oscillator mode, or low -speed on-chip
oscillator mode (XIN clock stops).
—
(b7-b4)
Reserved bits
Set to 0.
RW
OCD3
Clock monitor bit(5, 6)
0 : XIN clock oscillates
1 : XIN clock stops
RO
OCD2
System clock select bit(4)
0 : Selects XIN clock(7)
1 : Selects on-chip oscillator clock(3)
RW
OCD1
RW
OCD0
RW
Oscillation stop detection enable
bit(7)
Oscillation stop detection
interrupt enable bit
0 : Oscillation stop detection function
disabled(2)
1 : Oscillation stop detection function
enabled
0 : Disabled(2)
1 : Enabled
0000
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com