Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L358ADFP Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F2L358ADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358ADFP Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F2L358ADFP Datasheet HTML 37Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 38Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 39Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 40Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 41Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 42Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 43Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 44Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 848 page
background image
1. Overview
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 5 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Table 1.6
Specifications (2)
Note:
1. Specify the D version if D version functions are to be used.
Item
Function
Specification
Flash
Memory
R8C/L35A Group
R8C/L36A Group
R8C/L38A Group
R8C/L3AA Group
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance: 10,000 times (data flash)
1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
• Background operation (BGO) function
R8C/L35B Group
R8C/L36B Group
R8C/L38B Group
R8C/L3AB Group
• Programming and erasure voltage: VCC = 2.7 to 5.5 V
• Programming and erasure endurance: 1,000 times
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
Operating Frequency/
Supply Voltage
f(XIN) = 20 MHz (VCC = 2.7 to 5.5 V)
f(XIN) = 5 MHz (VCC = 1.8 to 5.5 V)
Current Consumption
TBD (VCC = 5.0 V, f(XIN) = 20 MHz)
TBD (VCC = 3.0 V, f(XIN) = 10 MHz)
TBD (VCC = 3.0 V, wait mode (f(XCIN) = 32 kHz))
TBD (VCC = 3.0 V, stop mode)
TBD (VCC = 3.0 V, power-off mode, timer RE enabled)
TBD (VCC = 3.0 V, power-off mode, timer RE disabled)
Operating Ambient Temperature
-20 to 85
°C (N version)
-40 to 85
°C (D version) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com