Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L358ADFP Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R5F2L358ADFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358ADFP Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F2L358ADFP Datasheet HTML 90Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 91Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 92Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 93Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 94Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 95Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 96Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 97Page - Renesas Technology Corp R5F2L358ADFP Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 848 page
background image
5. Resets
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 58 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
5.5
Watchdog Timer Reset
When the PM12 bit in the PM1 register is set to 1 (reset when watchdog timer underflows), the MCU resets its pins,
CPU, and SFRs when the watchdog timer underflows. Then the program beginning with the address indicated by
the reset vector is executed. The low-speed on-chip oscillator clock with no division is automatically selected as the
CPU clock after reset.
Refer to 4. Special Function Registers (SFRs) for the status of the SFRs after watchdog timer reset.
The internal RAM is not reset. When the watchdog timer underflows, the contents of internal RAM are undefined.
The underflow period and refresh acknowledge period for the watchdog timer can be set by bits WDTUFS0 and
WDTUFS1 and bits WDTRCS0 and WDTRCS1 in the OFS2 register, respectively.
Refer to 15. Watchdog Timer for details of the watchdog timer.
5.6
Software Reset
When the PM03 bit in the PM0 register is set to 1 (MCU reset), the MCU resets its pins, CPU, and SFRs. The
program beginning with the address indicated by the reset vector is executed. The low-speed on-chip oscillator
clock with no division is automatically selected for the CPU clock after reset.
Refer to 4. Special Function Registers (SFRs) for the status of the SFRs after software reset.
The internal RAM is not reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com