Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7108 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 76Page - Renesas Technology Corp SH7108 Datasheet HTML 77Page - Renesas Technology Corp SH7108 Datasheet HTML 78Page - Renesas Technology Corp SH7108 Datasheet HTML 79Page - Renesas Technology Corp SH7108 Datasheet HTML 80Page - Renesas Technology Corp SH7108 Datasheet HTML 81Page - Renesas Technology Corp SH7108 Datasheet HTML 82Page - Renesas Technology Corp SH7108 Datasheet HTML 83Page - Renesas Technology Corp SH7108 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 560 page
background image
Section 3 MCU Operating Modes
Rev.1.00 Sep. 18, 2008 Page 46 of 522
REJ09B0069-0100
Table 3.2
Maximum Operating Clock Frequency for Each Clock Mode
Pin Settings
MD3
MD2
Maximum Operating Clock Frequency
0
0
12.5 MHz (Input clock
× 1*, maximum of input clock: 12.5 MHz)
0
1
25 MHz (Input clock
× 2*, maximum of input clock: 12.5 MHz)
1
0
40 MHz (Input clock
× 4*, maximum of input clock: 10 MHz)
1
1
50 MHz (Input clock
× 4 for system clock, Input clock × 2 for
peripheral clock, maximum of input clock: 12.5 MHz)
Note:
*
The frequencies for the system and peripheral module clocks are the same.
3.2
Input/Output Pins
Table 3.3 describes the configuration of operating mode related pins.
Table 3.3
Pin Configuration
Pin Name
Input/Output
Function
MD0
Input
Designates operating mode through the level applied to this pin
MD1
Input
Designates operating mode through the level applied to this pin
MD2
Input
Designates clock mode through the level applied to this pin
MD3
Input
Designates clock mode through the level applied to this pin
FWP
Input
Pin for the hardware protection against programming/erasing the
on-chip flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com