Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7108 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 94Page - Renesas Technology Corp SH7108 Datasheet HTML 95Page - Renesas Technology Corp SH7108 Datasheet HTML 96Page - Renesas Technology Corp SH7108 Datasheet HTML 97Page - Renesas Technology Corp SH7108 Datasheet HTML 98Page - Renesas Technology Corp SH7108 Datasheet HTML 99Page - Renesas Technology Corp SH7108 Datasheet HTML 100Page - Renesas Technology Corp SH7108 Datasheet HTML 101Page - Renesas Technology Corp SH7108 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 560 page
background image
Section 5 Exception Processing
Rev.1.00 Sep. 18, 2008 Page 64 of 522
REJ09B0069-0100
Be certain to always perform power-on reset processing when turning the system power on.
Power-On Reset by WDT: When a setting is made for a power-on reset to be generated in the
WDT’s watchdog timer mode, and the WDT’s TCNT overflows, the LSI becomes to be a power-
on reset state.
The pin function controller (PFC) registers and I/O port registers are not initialized by the reset
signal generated by the WDT (these registers are initialized only by a power-on reset from outside
of the chip).
If reset caused by the input signal at the
RES pin and a reset caused by WDT overflow occur
simultaneously, the
RES pin reset has priority, and the WOVF bit in RSTCSR is cleared to 0.
When WDT-initiated power-on reset processing is started, the CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception processing vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception processing vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
of the status register (SR) are set to H'F (B'1111).
4. The values fetched from the exception processing vector table are set in the PC and SP, then
the program begins executing.
5.2.3
Manual Reset
When the
RES pin is high and the MRES pin is driven low, the LSI enters a manual reset state. To
reliably reset the LSI, the
MRES pin should be kept at low for at least 25 tcyc. During manual
reset, the CPU internal status is initialized. Registers of on-chip peripheral modules are not
initialized. When the LSI enters manual reset status in the middle of a bus cycle, manual reset
exception processing does not start until the bus cycle has ended. Thus, manual resets do not abort
bus cycles. However, once
MRES is driven low, hold the low level until the CPU becomes to be a
manual reset mode after the bus cycle ends. (Keep at low level for at least the longest bus cycle).
See appendix A, Pin States, for the status of individual pins during manual reset mode.
In the manual reset status, manual reset exception processing starts when the
MRES pin is first
kept low for a set period of time and then returned to high. The CPU will then operate in the same
procedures as described for power-on resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com