Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M301N2F8FP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # M301N2F8FP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M301N2F8FP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button M301N2F8FP Datasheet HTML 45Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 46Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 47Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 48Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 49Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 50Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 51Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 52Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 37 of 222
M16C/1N Group
6. Clock Generation Circuit
REJ09B0007-0100Z
CM20
CM21
CM22
CM23
Main clock switch bit
Oscillation stop detection
interrupt enable bit
Oscillation stop
detection bit
Clock monitor bit (Note 5)
Reserved bit
Set to "0"
Note 1: In case of writing to this register, set bit 0 of the protect register (address 000A16) to "1".
Note 2: Set to "0" before stopping the oscillation of the main clock (XIN-XOUT).
(stop mode, low power dissipation mode, on-chip oscillation mode)
An oscillation stop is detected if the oscillation of the main clock (XIN-XOUT) is stopped when the following
two conditions are satisfied: (1) the oscillation stop detection function is valid and (2) CM21=1.
Note 3: Valid when CM20=1.
Note 4: CM22 bit switches to "1" automatically if an oscillation stop is detected when both CM20 bit and CM 21 bit
are "1". CM22 bit cannot be cleared when CM23=1.
Note 5: This bit is valid when both CM20 bit is "1". Use this bit for the purpose of confirming XIN operation for
oscillation stop detection interrupt execution.
b7 b6 b5 b4 b3 b2 b1 b0
0
00
0
0 : XIN oscillating normally
1 : XIN stopping abnormally
0 : Select XIN clock
1 : Select on-chip oscillator (Note 4)
0 : Disabled
1 : Enabled (Note 3)
0 : The function is invalid
1 : The function is valid (Note 2)
Oscillation stop detection register (Note 1)
Symbol
CM2
Address
000C16
When reset
0416
RW
RW
RW
RW
RO
RW
Function
Bit name
Bit symbol
Figure 6.11 Oscillation stop detection register
fMAIN
CM22
CM21
Oscillation stop
detection interrupt
generating circuit
Charge/discharge
circuit
On-chip oscillator
To the CPU
Watchdog
timer
interrupt
Main clock
Main clock switch control
To the main clock
division circuit
Compulsory discharge when CM20=0
Pulse generation
circuit for clock
edge detection
and charge/
discharge control
CM14
(Note 1)
#: When XIN is supplied, this repeats charge and discharge with pulses by XIN edge detection.
When XIN is not supplied, this continues charging. When the charge exceeds a certain level,
it regards the oscillation as stopped.
Note 1: As for the fMAIN, see Figure 6.1 clock generating circuit.
Figure 6.10 Oscillation stop detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com