Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M301N2F8FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M301N2F8FP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M301N2F8FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M301N2F8FP Datasheet HTML 17Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 18Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 19Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 20Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 21Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 22Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 23Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 24Page - Renesas Technology Corp M301N2F8FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 9 of 222
M16C/1N Group
3. Memory
REJ09B0007-0100Z
3. Memory
Figure 3.1 is a memory map. The address space extends the 1M bytes from address 0000016 to FFFFF16.
From FFFFF16 down is ROM. For example, in the M301N2M4T-XXXFP, there is 32K bytes of internal ROM
from F800016 to FFFFF16. The vector table for fixed interrupts such as the reset are mapped to FFFDC16 to
FFFFF16. The starting address of the interrupt routine is stored here. The address of the vector table for
timer interrupts, etc., can be set as desired using the internal register (INTB). See the section on interrupts
for details.
From 0040016 up is RAM. For example, in the M301N2M4T-XXXFP, there is 1K byte of internal RAM from
0040016 to 007FF16. In addition to storing data, the RAM also stores the stack used when calling subrou-
tines and when interrupts are generated.
The SFR area is mapped to 0000016 to 003FF16. This area accommodates the control registers for periph-
eral devices such as I/O ports, A/D converter, serial I/O, and timers, etc. Any part of the SFR area that is not
occupied is reserved and cannot be used for other purposes.
The special page vector table is mapped to FFE0016 to FFFDB16. If the starting addresses of subroutines
or the destination addresses of jumps are stored here, subroutine call instructions and jump instructions
can be used as 2-byte instructions, reducing the number of program steps.
Figure 3.1 Memory map
Special page
vector table
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer
DBC
UART0 reception
Reset
FFE0016
FFFDC16
FFFFF16
SFR area
(For details, refer to
4. SFR)
Internal RAM area
Internal ROM area
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
Type No.
Internal RAM
Internal ROM
Size
Address YYYYY16
Size
Address XXXXX16
M301N2M4T
M301N2M8T
M301N2F8TFP
M301N2F8FP
32 Kbytes
64 Kbytes
F800016
F000016
1 Kbytes
3 Kbytes
007FF16
00FFF16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com