Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32196 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 32196
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32196 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 32196 Datasheet HTML 35Page - Renesas Technology Corp 32196 Datasheet HTML 36Page - Renesas Technology Corp 32196 Datasheet HTML 37Page - Renesas Technology Corp 32196 Datasheet HTML 38Page - Renesas Technology Corp 32196 Datasheet HTML 39Page - Renesas Technology Corp 32196 Datasheet HTML 40Page - Renesas Technology Corp 32196 Datasheet HTML 41Page - Renesas Technology Corp 32196 Datasheet HTML 42Page - Renesas Technology Corp 32196 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1044 page
background image
1
1-19
OVERVIEW
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
Table 1.4.1 Pin Assignments of the M32192F8xFP, M32195F4xFP, and M32196F8xFP (3/4)
Note 1: The pins outputted at two places.
Note 2: The JTCK, JTDI, JTDO and JTMS pins are reset by input from the JTRST pin, and not reset from the RESET# pin.
Port
Function 1
Function 2
DRI function
NBD function
Function
Type
State during
reset
State upon
exiting reset
60
AVSS0
-
AVSS0
-
-
-
-
AVSS0
-
-
-
61
EXCVCC
-
EXCVCC
-
-
-
-
EXCVCC
-
-
-
62
VSS
-
VSS
-
-
-
-
VSS
-
-
-
63
P174/TXD2/TO28
P174
TXD2
TO28(Note 1)
-
Input/output
P174
Input
Hi-Z
Hi-Z
64
P175/RXD2/TO27
P175
RXD2
TO27(Note 1)
-
Input/output
P175
Input
Hi-Z
Hi-Z
65
VCCER
-
VCCER
-
-
Input/output
-
VCCER
-
-
-
66
P82/TXD0/TO26
P82
TXD0
TO26(Note 1)
-
Input/output
P82
Input
Hi-Z
Hi-Z
67
P83/RXD0/TO25
P83
RXD0
TO25(Note 1)
-
Input/output
P83
Input
Hi-Z
Hi-Z
68
P84/SCLKI0/
SCLKO0/TO24
P84
SCLKI0/
SCLKO0
TO24(Note 1)
-
Input/
output
P84
Input
Hi-Z
Hi-Z
69
P85/TXD1/TO23
P85
TXD1
TO23(Note 1)
-
Input/output
P85
Input
Hi-Z
Hi-Z
70
P86/RXD1/TO22
P86
RXD1
TO22(Note 1)
-
Input/output
P86
Input
Hi-Z
Hi-Z
71
P87/SCLKI1/
SCLKO1/TO21
P87
SCLKI1/
SCLKO1
TO21(Note 1)
-
Input/
output
P87
Input
Hi-Z
Hi-Z
72
VSS
-
VSS
-
-
-
-
VSS
-
-
-
73
EXCVDD
-
EXCVDD
-
-
-
-
EXCVDD
-
-
-
74
P61
P61
-
-
-
Input/output
P61
Input
Hi-Z
Hi-Z
75
P62
P62
-
-
-
Input/output
P62
Input
Hi-Z
Hi-Z
76
P63
P63
-
-
-
Input/output
P63
Input
Hi-Z
Hi-Z
77
SBI#
SBI#
-
-
Input
SBI#
Input
Hi-Z
Hi-Z
78
P70/CLKOUT/WR#
/BCLK
P70
CLKOUT/
WR#
BCLK
-
Input/
output
P70
Input
Hi-Z
Hi-Z
79
P71/WAIT#
P71
WAIT#
-
-
Input/output
P71
Input
Hi-Z
Hi-Z
80
P72/HREQ#/TIN27
P72
HREQ#
TIN27
-
Input/output
P72
Input
Hi-Z
Hi-Z
81
P73/HACK#/TIN26
P73
HACK#
TIN26
-
Input/output
P73
Input
Hi-Z
Hi-Z
82
P74/RTDTXD/
TXD3/NBDD0
P74
RTDTXD
TXD3(Note 1)
NBDD0
Input/
output
P74
Input
Hi-Z
Hi-Z
83
P75/RTDRXD/
RXD3/NBDD1
P75
RTDRXD
RXD3(Note 1)
NBDD1
Input/
output
P75
Input
Hi-Z
Hi-Z
84
P76/RTDACK/
CTX1/NBDD2
P76
RTDACK
CTX1(Note 1)
NBDD2
Input/
output
P76
Input
Hi-Z
Hi-Z
85
P77/RTDCLK/
CRX1/NBDD3
P77
RTDCLK
CRX1(Note 1)
NBDD3
Input/
output
P77
Input
Hi-Z
Hi-Z
86
P93/TO16/
SCLKI5/SCLKO5
P93
TO16
SCLKI5/
SCLKO5
-
Input/
output
P93
Input
Hi-Z
Hi-Z
87
P94/TO17/
TXD5/DD15
P94
TO17
TXD5
DD15(Note 1)
Input/
output
P94
Input
Hi-Z
Hi-Z
88
P95/TO18/
RXD5/DD14
P95
TO18
RXD5
DD14(Note 1)
Input/
output
P95
Input
Hi-Z
Hi-Z
89
P96/TO19/DD13
P96
TO19
-
DD13(Note 1) Input/output
P96
Input
Hi-Z
Hi-Z
90
P97/TO20/DD12
P97
TO20
-
DD12(Note 1) Input/output
P97
Input
Hi-Z
Hi-Z
91
RESET#
-
RESET#
-
-
Input
RESET#
Input
Hi-Z
Hi-Z
92
MOD0
-
MOD0
-
-
Input
MOD0
Input
Hi-Z
Hi-Z
93
MOD1
-
MOD1
-
-
Input
MOD1
Input
Hi-Z
Hi-Z
94
FP
-
FP
-
-
Input
FP
Input
Hi-Z
Hi-Z
95
VCCE
-
VCCE
-
-
-
-
VCCE
-
-
-
96
VSS
-
VSS
-
-
-
-
VSS
-
-
-
Pin state when reset
Pin
No.
Symbol
Type
Condition
Function
Power
supply
VCCE
VCCE
VCCE
97
P110/TO0/TO29/DD11
P110
TO0
TO29(Note 1)
DD11(Note 1) Input/output
P110
Input
Hi-Z
Hi-Z
98
P111/TO1/TO30/DD10
P111
TO1
TO30(Note 1)
DD10(Note 1) Input/output
P111
Input
Hi-Z
Hi-Z
99
P112/TO2/TO31/DD9
P112
TO2
TO31(Note 1)
DD9(Note 1) Input/output
P112
Input
Hi-Z
Hi-Z
100 P113/TO3/TO32/DD8
P113
TO3
TO32(Note 1)
DD8(Note 1) Input/output
P113
Input
Hi-Z
Hi-Z
101 P114/TO4/TO33/DD7
P114
TO4
TO33(Note 1)
DD7(Note 1) Input/output
P114
Input
Hi-Z
Hi-Z
102 P115/TO5/TO34/DD6
P115
TO5
TO34(Note 1)
DD6(Note 1) Input/output
P115
Input
Hi-Z
Hi-Z
103 P116/TO6/TO35/DD5
P116
TO6
TO35(Note 1)
DD5(Note 1) Input/output
P116
Input
Hi-Z
Hi-Z
104 P117/TO7/TO36/DD4
P117
TO7
TO36(Note 1)
DD4(Note 1) Input/output
P117
Input
Hi-Z
Hi-Z
105 P100/TO8
P100
TO8
-
-
Input/output
P100
Input
Hi-Z
Hi-Z
106 P101/TO9/CRX0
P101
TO9
CRX0(Note 1)
-
Input/output
P101
Input
Hi-Z
Hi-Z
107 P102/TO10/CTX0
P102
TO10
CTX0(Note 1)
-
Input/output
P102
Input
Hi-Z
Hi-Z
108 VDDE
-
VDDE
-
-
-
-
VDDE
-
-
-
109 JTMS (Note 2)
-
JTMS
-
-
Input
JTMS
Input
Hi-Z
Hi-Z
110 JTCK/NBDCLK (Note 2)
-
JTCK
-
NBDCLK
Input
JTCK
Input
Hi-Z
Hi-Z
111 JTRST (Note 2)
-
JTRST
-
-
Input
JTRST
Input
Hi-Z
Hi-Z
112 JTDO/NBDEVNT# (Note 2)
-
JTDO
-
NBDEVNT#
Output
JTDO
Output
Hi-Z
Hi-Z
113 JTDI/NBDSYNC# (Note 2)
-
JTDI
-
NBDSYNC#
Input
JTDI
Input
Hi-Z
Hi-Z
114 P103/TO11/TIN24
P103
TO11
TIN24
-
Input/output
P103
Input
Hi-Z
Hi-Z
115 P104/TO12/TIN25/DD3
P104
TO12
TIN25
DD3(Note 1) Input/output
P104
Input
Hi-Z
Hi-Z
116
P105/TO13/
SCLKI4/SCLKO4/DD2
P105
TO13
SCLKI4/
SCLKO4
DD2(Note 1)
Input/
output
P105
Input
Hi-Z
Hi-Z
117 P106/TO14/TXD4/DD1
P106
TO14
TXD4
DD1(Note 1) Input/output
P106
Input
Hi-Z
Hi-Z
VCCE
VCCE
1.4 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com