Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32196 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 32196
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32196 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 32196 Datasheet HTML 45Page - Renesas Technology Corp 32196 Datasheet HTML 46Page - Renesas Technology Corp 32196 Datasheet HTML 47Page - Renesas Technology Corp 32196 Datasheet HTML 48Page - Renesas Technology Corp 32196 Datasheet HTML 49Page - Renesas Technology Corp 32196 Datasheet HTML 50Page - Renesas Technology Corp 32196 Datasheet HTML 51Page - Renesas Technology Corp 32196 Datasheet HTML 52Page - Renesas Technology Corp 32196 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1044 page
background image
2
2-5
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
CPU
2.3.5 Floating-point Status Register: FPSR (CR7)
0000
0
0
00
0
0
0
0
0
0
23456789
10
11
12
13
14
b15
1
b0
0
0
0
0000100000000
EV
DN
CE
CX
CU
CZ
CO
CV
RM
18
19
20
21
22
23
24
25
26
27
28
29
30
b31
17
b16
EU
EX
FS
FX
FU
FZ
0
FO
0
FV
EZ
EO
<Upon exiting reset: H’0000 0100>
b
Bit Name
Function
R
W
0
FS
Reflects the logical sum of FU, FZ, FO and FV.
R
–
Floating-point Exception Summary Bit
1
FX
Set to "1" when an inexact exception occurs (if EIT processing is
R
W
Inexact Exception Flag
unexecuted (Note 1)). Once set, the flag retains the value "1" until
it is cleared to "0" in software.
2
FU
Set to "1" when an underflow exception occurs (if EIT processing is
R
W
Underflow Exception Flag
unexecuted (Note 1)). Once set, the flag retains the value "1" until
it is cleared to "0" in software.
3
FZ
Set to "1" when a zero divide exception occurs (if EIT processing is
R
W
Zero Divide Exception Flag
unexecuted (Note 1)). Once set, the flag retains the value "1" until
it is cleared to "0" in software.
4
FO
Set to "1" when an overflow exception occurs (if EIT processing is
R
W
Overflow Exception Flag
unexecuted (Note 1)). Once set, the flag retains the value "1" until
it is cleared to "0" in software.
5
FV
Set to "1" when an invalid operation exception occurs (if EIT processing
R
W
Invalid Operation Exception Flag
is unexecuted (Note 1)). Once set, the flag retains the value "1" until
it is cleared to "0" in software.
6–16
No function assigned. Fix to "0."
00
17
EX
0: Mask EIT processing to be executed when an inexact exception occurs.
R
W
Inexact Exception Enable Bit
1: Execute EIT processing when an inexact exception occurs.
18
EU
0: Mask EIT processing to be executed when an underflow exception
R
W
Underflow Exception Enable Bit
occurs.
1: Execute EIT processing when an underflow exception occurs.
19
EZ
0: Mask EIT processing to be executed when a zero divide exception
R
W
Zero Divide Exception Enable Bit
occurs.
1: Execute EIT processing when a zero divide exception occurs.
20
EO
0: Mask EIT processing to be executed when an overflow exception
R
W
Overflow Exception Enable Bit
occurs.
1: Execute EIT processing when an overflow exception occurs.
21
EV
0: Mask EIT processing to be executed when an invalid operation
R
W
Invalid Operation Exception Enable Bit
exception occurs.
1: Execute EIT processing when an invalid operation exception occurs.
22
No function assigned. Fix to "0."
00
23
DN
0: Handle the denormalized number as a denormalized number.
R
W
Denormalized Number Zero Flush Bit
1: Handle the denormalized number as zero.
(Note 2)
24
CE
0: No unimplemented operation exception occurred.
R (Note 3)
Unimplemented Operation
1: An unimplemented operation exception occurred. When the bit is
Exception Cause Bit
set to "1", the execution of an FPU operation instruction will clear it to "0."
25
CX
0: No inexact exception occurred.
R (Note 3)
Inexact Exception Cause Bit
1: An inexact exception occurred. When the bit is set to "1",
the execution of an FPU operation instruction will clear it to "0."
2.3 Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com