Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 359Page - Renesas Technology Corp SH7052 Datasheet HTML 360Page - Renesas Technology Corp SH7052 Datasheet HTML 361Page - Renesas Technology Corp SH7052 Datasheet HTML 362Page - Renesas Technology Corp SH7052 Datasheet HTML 363Page - Renesas Technology Corp SH7052 Datasheet HTML 364Page - Renesas Technology Corp SH7052 Datasheet HTML 365Page - Renesas Technology Corp SH7052 Datasheet HTML 366Page - Renesas Technology Corp SH7052 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 919 page
background image
337
the corresponding external input pin. Incrementing on the rising edge, falling edge, or both edges
can be selected by means of settings in the timer control registers (TCR9A to TCR9C). An event
counter is cleared by edge input after a match with the corresponding general register. An interrupt
can requested when an event counter is cleared.
Timer control register (TCR9A, TCR9B) settings can be made to enable event counters ECNT9A
to ECNT9D to send a compare-match signal to channel 3 when the count matches the
corresponding general register (GR9A to GR9D), allowing input capture to be performed on
channel 3. This enables the pulse input interval to be measured.
Channel 10: Channel 10 generates a multiplied clock based on external input, and supplies this to
channels 1 to 5. Channel 10 is divided into three blocks: (1) an inter-edge measurement block, (2)
a multiplied clock generation block, and (3) a multiplied clock correction block.
(1) Inter-edge measurement block
This block has a 32-bit free-running counter (TCNT10A), 32-bit input capture register
(ICR10A), 32-bit output compare register (OCR10A), 8-bit event counter (TCNT10B), 8-bit
output compare register (OCR10B), 8-bit noise canceler counter (TCNT10H), and 8-bit noise
canceler compare-match register (NCR10).
The 32-bit free-running counter (TCNT10A) is an up-counter that performs free-running
operations. When input capture is performed by means of TI10 input, this counter is cleared to
H'00000001. When free-running counter (TCNT10A) reaches the value set in the output
compare register (OCR10A), a compare-match interrupt can be requested.
The input capture register (ICR10A) has an external signal input pin (TI10), and the free-
running counter (TCNT10A) value can be captured by means of input from TI10. Rising edge,
falling edge, or both edges can be selected by making a setting in bits CKEG1 and CKEG0 in
the timer control register (TCR10). The TI10 input has a noise canceler function, which can be
enabled by setting the NCE bit in the timer control register (TCR10). When the counter value
is captured, TCNT10A is cleared to 0 and an interrupt can be requested. The captured value
can be transferred to the multiplied clock generation block reload register (RLD10C).
The 8-bit event counter (TCNT10B) is an up-counter that is incremented by TI10 input. When
the event counter (TCNT10B) value reaches the value set in the output compare register
(OCR10B), a compare-match interrupt can be requested. By setting the TRG0DEN bit in the
timer control register (TCR10), a capture request can also be issued for the channel 0 input
capture register 0D (ICR0D) when compare-match occurs.
The 8-bit noise canceler counter (TCNT10H) and 8-bit noise canceler compare-match register
(NCR10) are used to set the period for which the noise canceler functions. By setting a value in
the noise canceler compare-match register (TCNT10H) and setting the NCE bit in the timer
control register (TCR10), TI10 input is masked when it occurs. At the same time as TI10 input
is masked, the noise canceler counter (TCNT10H) starts counting up on the P
φx10 clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com