Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 362Page - Renesas Technology Corp SH7052 Datasheet HTML 363Page - Renesas Technology Corp SH7052 Datasheet HTML 364Page - Renesas Technology Corp SH7052 Datasheet HTML 365Page - Renesas Technology Corp SH7052 Datasheet HTML 366Page - Renesas Technology Corp SH7052 Datasheet HTML 367Page - Renesas Technology Corp SH7052 Datasheet HTML 368Page - Renesas Technology Corp SH7052 Datasheet HTML 369Page - Renesas Technology Corp SH7052 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 919 page
background image
340
corresponding timer interrupt enable register (TIER) is set to 1 at this time, an interrupt request is
sent to the CPU. After overflowing, TCNT starts counting up again from H'00000000 or H'0000.
If the TSTR value is cleared to 0 during TCNT operation, the corresponding TCNT halts. In this
case, TCNT is not reset. If external output is being performed from the GR for the corresponding
TCNT, the output value does not change.
Channel 0 free-running counter operation is shown in figure 10.13.
FFFFFFFD
Pø
TSTR
TST0
TCNT0
Clock
TCNT0
TSR0
OVF0
Cleared by software
00000002
00000001
00000000
FFFFFFFF
FFFFFFFE
00000005
00000004
00000003
00000002
00000001
00000001
Figure 10.13 Free-Running Counter Operation and Overflow Timing
The free-running counters (TCNT) in ATU-II channels 6 and 7 perform cyclic count operations
unconditionally. With channel 3 to 5 free-running counters (TCNT), when the corresponding
T3PWM to T5PWM bit in the timer mode register (TMDR) is set to 1, or the corresponding CCI
bit in the timer I/O control register (TIOR) is set to 1 when bits T3PWM to T5PWM are 0, the
counter for the relevant channel performs a cyclic count. The relevant TCNT counter is cleared by
a compare-match of TCNT with GR3D, GR4D, or GR5D in channel 3 to 5, or CYLR in channels
6 and 7 (counter clear function). TCNT starts counting up as a cyclic counter when the
corresponding STR bit in TSTR is set to 1 after the TMDR setting is made. When the count value
matches the GR3D, GR4D, GR5D, or CYLR value, the corresponding IMF3D, IMF4D, or IMF5D
bit in the timer status register (TSR) (or the CMF bit in TSR6 or TSR7 for channels 6 and 7) is set
to 1, and TCNT is cleared to H'0000 (H'0001 in channels 6 and 7).
If the corresponding TIER bit is set to 1 at this time, an interrupt request is sent to the CPU. After
the compare-match, TCNT starts counting up again from H'0000 (H'0001 in channels 6 and 7).
Figure 10.14 shows the operation when channel 3 is used as a cyclic counter (with a cycle setting
of H'0008).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com