Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 470 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 466Page - Renesas Technology Corp SH7052 Datasheet HTML 467Page - Renesas Technology Corp SH7052 Datasheet HTML 468Page - Renesas Technology Corp SH7052 Datasheet HTML 469Page - Renesas Technology Corp SH7052 Datasheet HTML 470Page - Renesas Technology Corp SH7052 Datasheet HTML 471Page - Renesas Technology Corp SH7052 Datasheet HTML 472Page - Renesas Technology Corp SH7052 Datasheet HTML 473Page - Renesas Technology Corp SH7052 Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 919 page
background image
444
14.2.2
Receive Data Register (RDR)
The receive data register (RDR) stores serial receive data. The SCI completes the reception of one
byte of serial data by moving the received data from the receive shift register (RSR) into RDR for
storage. RSR is then ready to receive the next data. This double buffering allows the SCI to
receive data continuously.
The CPU can read but not write to RDR. RDR is initialized to H'00 by a power-on reset, and in
hardware standby mode and software standby mode. It is not initialized by a manual reset.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
14.2.3
Transmit Shift Register (TSR)
The transmit shift register (TSR) transmits serial data. The SCI loads transmit data from the
transmit data register (TDR) into TSR, then transmits the data serially from the TxD pin, LSB (bit
0) first. After transmitting one data byte, the SCI automatically loads the next transmit data from
TDR into TSR and starts transmitting again. If the TDRE bit of SSR is 1, however, the SCI does
not load the TDR contents into TSR.
The CPU cannot read or write to TSR directly.
Bit:
7
6
5
4
3
2
1
0
R/W:
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com