Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 467Page - Renesas Technology Corp SH7052 Datasheet HTML 468Page - Renesas Technology Corp SH7052 Datasheet HTML 469Page - Renesas Technology Corp SH7052 Datasheet HTML 470Page - Renesas Technology Corp SH7052 Datasheet HTML 471Page - Renesas Technology Corp SH7052 Datasheet HTML 472Page - Renesas Technology Corp SH7052 Datasheet HTML 473Page - Renesas Technology Corp SH7052 Datasheet HTML 474Page - Renesas Technology Corp SH7052 Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 919 page
background image
445
14.2.4
Transmit Data Register (TDR)
The transmit data register (TDR) is an 8-bit register that stores data for serial transmission. When
the SCI detects that the transmit shift register (TSR) is empty, it moves transmit data written in
TDR into TSR and starts serial transmission. Continuous serial transmission is possible by writing
the next transmit data in TDR during serial transmission from TSR.
The CPU can always read and write to TDR. TDR is initialized to H'FF by a power-on reset, and
in hardware standby mode and software standby mode. It is not initialized by a manual reset.
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
14.2.5
Serial Mode Register (SMR)
The serial mode register (SMR) is an 8-bit register that specifies the SCI serial communication
format and selects the clock source for the baud rate generator.
The CPU can always read and write to SMR. SMR is initialized to H'00 by a power-on reset and
in hardware standby mode. It is not initialized by a manual reset, and in software standby mode.
Bit:
7
6
5
4
3
2
1
0
C/
A
CHR
PE
O/
E
STOP
MP
CKS1
CKS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bit 7—Communication Mode (C/A): Selects whether the SCI operates in asynchronous or
synchronous mode.
Bit 7: C/
A
Description
0
Asynchronous mode
(Initial value)
1
Synchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com