Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 489Page - Renesas Technology Corp SH7052 Datasheet HTML 490Page - Renesas Technology Corp SH7052 Datasheet HTML 491Page - Renesas Technology Corp SH7052 Datasheet HTML 492Page - Renesas Technology Corp SH7052 Datasheet HTML 493Page - Renesas Technology Corp SH7052 Datasheet HTML 494Page - Renesas Technology Corp SH7052 Datasheet HTML 495Page - Renesas Technology Corp SH7052 Datasheet HTML 496Page - Renesas Technology Corp SH7052 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 919 page
background image
467
Transmit/Receive Formats: Table 14.10 shows the 12 communication formats that can be
selected in asynchronous mode. The format is selected by settings in the serial mode register
(SMR).
Table 14.10 Serial Communication Formats (Asynchronous Mode)
SMR Bits
Serial Transmit/Receive Format and Frame Length
CHR PE
MP
STOP
1
2345678
9
10
11
12
0
0
0
0
START
8-bit data
STOP
0
0
0
1
START
8-bit data
STOP STOP
0
1
0
0
START
8-bit data
P
STOP
0
1
0
1
START
8-bit data
P
STOP STOP
1
0
0
0
START
7-bit data
STOP
1
0
0
1
START
7-bit data
STOP STOP
1
1
0
0
START
7-bit data
P
STOP
1
1
0
1
START
7-bit data
P
STOP STOP
0
—
1
0
START
8-bit data
MPB
STOP
0
—
1
1
START
8-bit data
MPB
STOP STOP
1
—
1
0
START
7-bit data
MPB
STOP
1
—
1
1
START
7-bit data
MPB
STOP STOP
—: Don’t care bits.
START: Start bit
STOP: Stop bit
P: Parity bit
MPB: Multiprocessor bit
Clock: An internal clock generated by the on-chip baud rate generator or an external clock input
from the SCK pin can be selected as the SCI transmit/receive clock. The clock source is selected
by the C/
A bit in the serial mode register (SMR) and bits CKE1 and CKE0 in the serial control
register (SCR) (table 14.9).
When an external clock is input at the SCK pin, it must have a frequency equal to 16 times the
desired bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com