Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 494 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 490Page - Renesas Technology Corp SH7052 Datasheet HTML 491Page - Renesas Technology Corp SH7052 Datasheet HTML 492Page - Renesas Technology Corp SH7052 Datasheet HTML 493Page - Renesas Technology Corp SH7052 Datasheet HTML 494Page - Renesas Technology Corp SH7052 Datasheet HTML 495Page - Renesas Technology Corp SH7052 Datasheet HTML 496Page - Renesas Technology Corp SH7052 Datasheet HTML 497Page - Renesas Technology Corp SH7052 Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 919 page
background image
468
When the SCI operates on an internal clock, it can output a clock signal at the SCK pin. The
frequency of this output clock is equal to the bit rate. The phase is aligned as in figure 14.3 so that
the rising edge of the clock occurs at the center of each transmit data bit.
0
D0D1D2D3D4
D5
D6
D7
0/1
1
1
1 frame
Figure 14.3 Output Clock and Communication Data Phase Relationship (Asynchronous
Mode)
Data Transmit/Receive Operation
SCI Initialization (Asynchronous Mode): Before transmitting or receiving, clear the TE and RE
bits to 0 in the serial control register (SCR), then initialize the SCI as follows.
When changing the operation mode or communication format, always clear the TE and RE bits to
0 before following the procedure given below. Clearing TE to 0 sets TDRE to 1 and initializes the
transmit shift register (TSR). Clearing RE to 0, however, does not initialize the RDRF, PER, FER,
and ORER flags and receive data register (RDR), which retain their previous contents.
When an external clock is used, the clock should not be stopped during initialization or subsequent
operation. SCI operation becomes unreliable if the clock is stopped.
Figure 14.4 is a sample flowchart for initializing the SCI. The procedure is as follows (the steps
correspond to the numbers in the flowchart):
1. Select the clock source in the serial control register (SCR). Leave RIE, TIE, TEIE, MPIE, TE
and RE cleared to 0. If clock output is selected in asynchronous mode, clock output starts
immediately after the setting is made in SCR.
2. Select the communication format in the serial mode register (SMR) and serial direction control
register (SDCR).
3. Write the value corresponding to the bit rate in the bit rate register (BRR) (unless an external
clock is used).
4. Wait for at least the interval required to transmit or receive one bit, then set TE or RE in the
serial control register (SCR) to 1.* Also set RIE, TIE, TEIE and MPIE as necessary. Setting
TE or RE enables the SCI to use the TxD or RxD pin.
Note: * In simultaneous transmit/receive operation, the TE bit and RE bit must be cleared to 0 or
set to 1 simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com