Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 528 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 528 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 524Page - Renesas Technology Corp SH7052 Datasheet HTML 525Page - Renesas Technology Corp SH7052 Datasheet HTML 526Page - Renesas Technology Corp SH7052 Datasheet HTML 527Page - Renesas Technology Corp SH7052 Datasheet HTML 528Page - Renesas Technology Corp SH7052 Datasheet HTML 529Page - Renesas Technology Corp SH7052 Datasheet HTML 530Page - Renesas Technology Corp SH7052 Datasheet HTML 531Page - Renesas Technology Corp SH7052 Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 919 page
background image
502
 Bus off status
 HCAN configuration mode
 HCAN sleep mode
 HCAN halt mode
• Other features: DMAC can be activated by message reception mailbox (HCAN mailbox 0
only)
15.1.2
Block Diagram
Figure 15.1 shows a block diagram of the HCAN.
HTxD
MBI
Message buffer
HRxD
MPI
Microprocessor interface
(CDLC)
CAN
Data Link Controller
Bosch CAN 2.0B active
CPU interface
Control register
Status register
HCAN
Tx buffer
Rx buffer
Message control
Message data
MC0 to MC15, MD0 to MD15
LAFM
Mailboxes
Figure 15.1 HCAN Block Diagram
Message Buffer Interface (MBI): The MBI, consisting of mailboxes and a local acceptance filter
mask (LAFM), stores CAN transmit/receive messages (identifiers, data, etc.). Transmit messages
are written by the CPU. For receive messages, the data received by the CDLC is stored
automatically.
Microprocessor Interface (MPI): The MPI, consisting of a bus interface, control register, status
register, etc., controls HCAN internal data, statuses, and so forth.
CAN Data Link Controller (CDLC): The CDLC performs transmission and reception of
messages conforming to the Bosch CAN Ver. 2.0B active standard (data frames, remote frames,
error frames, overload frames, inter-frame spacing), as well as CRC checking, bus arbitration, and
other functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com