Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 532 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 532 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 528Page - Renesas Technology Corp SH7052 Datasheet HTML 529Page - Renesas Technology Corp SH7052 Datasheet HTML 530Page - Renesas Technology Corp SH7052 Datasheet HTML 531Page - Renesas Technology Corp SH7052 Datasheet HTML 532Page - Renesas Technology Corp SH7052 Datasheet HTML 533Page - Renesas Technology Corp SH7052 Datasheet HTML 534Page - Renesas Technology Corp SH7052 Datasheet HTML 535Page - Renesas Technology Corp SH7052 Datasheet HTML 536Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 919 page
background image
506
15.2
Register Descriptions
15.2.1
Master Control Register (MCR)
The master control register (MCR) is an 8-bit readable/writable register that controls the CAN
interface.
Bit:
7
6
5
4
3
2
1
0
MCR7
—
MCR5
—
—
MCR2
MCR1
MCR0
Initial value:
0
0
0
0
0
0
0
1
R/W:
R/W
—
R/W
—
—
R/W
R/W
R/W
• Bit 7—HCAN Sleep Mode Release (MCR7): Enables or disables HCAN sleep mode release
by bus operation.
Bit 7: MCR7
Description
0
HCAN sleep mode release by CAN bus operation disabled
(Initial value)
1
HCAN sleep mode release by CAN bus operation enabled
• Bit 6—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 5—HCAN Sleep Mode (MCR5): Enables or disables HCAN sleep mode transition.
Bit 5: MCR5
Description
0
HCAN sleep mode released
(Initial value)
1
Transition to HCAN sleep mode enabled
• Bits 4 and 3—Reserved: These bits always read 0. The write value should always be 0.
• Bit 2—Message Transmission Method (MCR2): Selects the transmission method for transmit
messages.
Bit 2: MCR2
Description
0
Transmission order determined by message identifier priority
(Initial value)
1
Transmission order determined by mailbox (buffer) number priority
(TXPR1 > TXPR15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com