Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 536 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 532Page - Renesas Technology Corp SH7052 Datasheet HTML 533Page - Renesas Technology Corp SH7052 Datasheet HTML 534Page - Renesas Technology Corp SH7052 Datasheet HTML 535Page - Renesas Technology Corp SH7052 Datasheet HTML 536Page - Renesas Technology Corp SH7052 Datasheet HTML 537Page - Renesas Technology Corp SH7052 Datasheet HTML 538Page - Renesas Technology Corp SH7052 Datasheet HTML 539Page - Renesas Technology Corp SH7052 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 919 page
background image
510
HCAN bit rate calculation:
fCLK
2
× (BRP + 1) × (3 + TSEG1 + TSEG2)
Bit rate [b/s] =
Note:
f
CLK = Pφ (peripheral clock (φ/2))
The BCR values are used for BRP, TSEG1, and TSEG2.
BCR Setting Constraints
TSEG1 > TSEG2
≥ SJW
(SJW = 1 to 4)
3 + TSEG1 + TSEG2 = 8 to 25 time quanta
TSEG2 > B'001 (BRP = B'000000)
TSEG2 > B'000 (BRP > B'000000)
These constraints allow the setting range shown in table 15.3 for TSEG1 and TSEG2 in BCR.
Table 15.3
Setting Range for TSEG1 and TSEG2 in BCR
TSEG2 (BCR [14:12])
001
010
011
100
101
110
111
TSEG1
0011
No
Yes
No
No
No
No
No
(BCR [11:8])
0100
Yes*
Yes
Yes
No
No
No
No
0101
Yes*
Yes
Yes
Yes
No
No
No
0110
Yes*
Yes
Yes
Yes
Yes
No
No
0111
Yes*
Yes
Yes
Yes
Yes
Yes
No
1000
Yes*
Yes
Yes
Yes
Yes
Yes
Yes
1001
Yes*
Yes
Yes
Yes
Yes
Yes
Yes
1010
Yes*
Yes
Yes
Yes
Yes
Yes
Yes
1011
Yes*
Yes
Yes
Yes
Yes
Yes
Yes
1100
Yes*
Yes
Yes
Yes
Yes
Yes
Yes
1101
Yes*
Yes
Yes
Yes
Yes
Yes
Yes
1110
Yes*
Yes
Yes
Yes
Yes
Yes
Yes
1111
Yes*
Yes
Yes
Yes
Yes
Yes
Yes
Notes: The time quanta value for TSEG1 and TSEG2 is the TSEG value + 1.
* Setting is enabled except when BRP[13:8] = B'000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com