Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 537 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 537 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 533Page - Renesas Technology Corp SH7052 Datasheet HTML 534Page - Renesas Technology Corp SH7052 Datasheet HTML 535Page - Renesas Technology Corp SH7052 Datasheet HTML 536Page - Renesas Technology Corp SH7052 Datasheet HTML 537Page - Renesas Technology Corp SH7052 Datasheet HTML 538Page - Renesas Technology Corp SH7052 Datasheet HTML 539Page - Renesas Technology Corp SH7052 Datasheet HTML 540Page - Renesas Technology Corp SH7052 Datasheet HTML 541Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 919 page
background image
511
• Bit 7—Bit Sample Point (BSP): Sets the point at which data is sampled.
Bit 7: BCR15
Description
0
Bit sampling at one point (end of time segment 1)
(Initial value)
1
Bit sampling at three points (end of time segment 1, and 1 time quantum
before and after)
• Bits 6 to 4—Time Segment 2 (TSEG2): These bits are used to set the segment for correcting 1-
bit time error. A value from 2 to 8 can be set.
Bit 6:
BCR14
Bit 5:
BCR13
Bit 4:
BCR12
Description
0
0
0
Setting prohibited
(Initial value)
1
TSEG2 (PHSEG2) = 2 time quanta
1
0
TSEG2 (PHSEG2) = 3 time quanta
1
TSEG2 (PHSEG2) = 4 time quanta
1
0
0
TSEG2 (PHSEG2) = 5 time quanta
1
TSEG2 (PHSEG2) = 6 time quanta
1
0
TSEG2 (PHSEG2) = 7 time quanta
1
TSEG2 (PHSEG2) = 8 time quanta
• Bits 3 to 0—Time Segment 1 (TSEG1): These bits are used to set the segment for absorbing
output buffer, CAN bus, and input buffer delay. A value from 1 to 16 can be set.
Bit 3:
BCR11
Bit 2:
BCR10
Bit 1:
BCR9
Bit 0:
BCR8
Description
0000
Setting prohibited
(Initial value)
0001
Setting prohibited
0010
Setting prohibited
0011
TSEG1 (PRSEG + PHSEG1) = 4 time quanta
0100
TSEG1 (PRSEG + PHSEG1) = 5 time quanta
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
1111
TSEG1 (PRSEG + PHSEG1) = 16 time quanta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com