Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 534Page - Renesas Technology Corp SH7052 Datasheet HTML 535Page - Renesas Technology Corp SH7052 Datasheet HTML 536Page - Renesas Technology Corp SH7052 Datasheet HTML 537Page - Renesas Technology Corp SH7052 Datasheet HTML 538Page - Renesas Technology Corp SH7052 Datasheet HTML 539Page - Renesas Technology Corp SH7052 Datasheet HTML 540Page - Renesas Technology Corp SH7052 Datasheet HTML 541Page - Renesas Technology Corp SH7052 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 919 page
background image
512
15.2.4
Mailbox Configuration Register (MBCR)
The mailbox configuration register (MBCR) is a 16-bit readable/writable register that is used to set
mailbox (buffer) transmission/reception.
Bit:
15
14
13
12
11
10
9
8
MBCR7
MBCR6
MBCR5
MBCR4
MBCR3
MBCR2
MBCR1
—
Initial value:
0
0
0
0
0
0
0
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Bit:
7
6
5
4
3
2
1
0
MBCR15
MBCR14 MBCR13
MBCR12 MBCR11
MBCR10
MBCR9
MBCR8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 9 and 7 to 0—Mailbox Setting Register (MBCR7 to 1, MBCR15 to 8): These bits set
the polarity of the corresponding mailboxes (buffers).
Bit x: MBCRx
Description
0
Corresponding mailbox is set for transmission
(Initial value)
1
Corresponding mailbox is set for reception
• Bit 8—Reserved: This bit always reads 1. The write value should always be 1.
15.2.5
Transmit Wait Register (TXPR)
The transmit wait register (TXPR) is a 16-bit readable/writable register that is used to set a
transmit wait after a transmit message is stored in a mailbox (buffer) (CAN bus arbitration wait).
Bit:
15
14
13
12
11
10
9
8
TXPR7
TXPR6
TXPR5
TXPR4
TXPR3
TXPR2
TXPR1
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
Bit:
7
6
5
4
3
2
1
0
TXPR15 TXPR14 TXPR13 TXPR12 TXPR11 TXPR10 TXPR9
TXPR8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com