Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 542 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 542 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 538Page - Renesas Technology Corp SH7052 Datasheet HTML 539Page - Renesas Technology Corp SH7052 Datasheet HTML 540Page - Renesas Technology Corp SH7052 Datasheet HTML 541Page - Renesas Technology Corp SH7052 Datasheet HTML 542Page - Renesas Technology Corp SH7052 Datasheet HTML 543Page - Renesas Technology Corp SH7052 Datasheet HTML 544Page - Renesas Technology Corp SH7052 Datasheet HTML 545Page - Renesas Technology Corp SH7052 Datasheet HTML 546Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 919 page
background image
516
15.2.9
Receive Complete Register (RXPR)
The receive complete register (RXPR) is a 16-bit readable/writable register containing status flags
that indicate normal reception of messages (data frame or remote frame) in mailboxes (buffers). In
the case of remote frame reception, the corresponding bit in the remote request register (RFPR) is
also set.
Bit:
15
14
13
12
11
10
9
8
RXPR7
RXPR6
RXPR5
RXPR4
RXPR3
RXPR2
RXPR1
RXPR0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
RXPR15 RXPR14 RXPR13 RXPR12 RXPR11 RXPR10 RXPR9
RXPR8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 0—Receive Complete Register (RXPR7 to 0, RXPR15 to 8): These bits indicate that
a receive message has been received normally in the corresponding mailbox (buffer).
Bit x: RXPRx
Description
0
[Clearing condition]
Writing 1
(Initial value)
1
Completion of message (data frame or remote frame) reception in
corresponding mailbox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com