Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 531Page - Renesas Technology Corp SH7052 Datasheet HTML 532Page - Renesas Technology Corp SH7052 Datasheet HTML 533Page - Renesas Technology Corp SH7052 Datasheet HTML 534Page - Renesas Technology Corp SH7052 Datasheet HTML 535Page - Renesas Technology Corp SH7052 Datasheet HTML 536Page - Renesas Technology Corp SH7052 Datasheet HTML 537Page - Renesas Technology Corp SH7052 Datasheet HTML 538Page - Renesas Technology Corp SH7052 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 919 page
background image
509
• Bits 15 and 14—Re-synchronization Jump Width (SJW): These bits set the maximum bit
synchronization range.
Bit 15:
BCR7
Bit 14:
BCR6
Description
0
0
Maximum bit synchronization width = 1 time quantum
1
Maximum bit synchronization width = 2 time quanta
1
0
Maximum bit synchronization width = 3 time quanta
1
Maximum bit synchronization width = 4 time quanta
• Bits 13 to 8—Baud Rate Prescale (BRP): These bits are used to set the CAN bus baud rate.
Bit 13:
BCR5
Bit 12:
BCR4
Bit 11:
BCR3
Bit 10:
BCR2
Bit 9:
BCR1
Bit 8:
BCR0
Description
0000002
× system clock
(Initial value)
0000014
× system clock
0000106
× system clock
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
⋅
111111
128
× system clock
SYNC_SEG
PRSEG
PHSEG1
PHSEG2
1-bit time
1-bit time (8–25 time quanta)
Quantum
1
TSEG1 (time segment 1)*
2–16
TSEG2 (time segment 2)*
2–8
SYNC_SEG: Segment for establishing synchronization of nodes on the CAN bus. (Normal
bit edge transitions occur in this segment.)
PRSEG:
Segment for compensating for physical delay between networks.
PHSEG1:
Buffer segment for correcting phase drift (positive). (This segment is extended
when synchronization (re-synchronization) is established.)
PHSEG2:
Buffer segment for correcting phase drift (negative). (This segment is
shortened when synchronization (re-synchronization) is established.)
Note: * The time quanta value for TSEG1 and TSEG2 is the TSEG value + 1.
Figure 15.2 Detailed Description of One Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com