Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 529Page - Renesas Technology Corp SH7052 Datasheet HTML 530Page - Renesas Technology Corp SH7052 Datasheet HTML 531Page - Renesas Technology Corp SH7052 Datasheet HTML 532Page - Renesas Technology Corp SH7052 Datasheet HTML 533Page - Renesas Technology Corp SH7052 Datasheet HTML 534Page - Renesas Technology Corp SH7052 Datasheet HTML 535Page - Renesas Technology Corp SH7052 Datasheet HTML 536Page - Renesas Technology Corp SH7052 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 919 page
background image
507
• Bit 1—Halt Request (MCR1): Controls halting of the HCAN module.
Bit 1: MCR1
Description
0
Normal operating mode
(Initial value)
1
Halt mode transition request
• Bit 0—Reset Request (MCR0): Controls resetting of the HCAN module.
Bit 0: MCR0
Description
0
Normal operating mode (MCR0 = 0 and GSR3 = 0)
[Setting condition]
When 0 is written after an HCAN reset
1
Reset mode transition request
(Initial value)
In order for GSR3 to change from 1 to 0 after 0 is written to MCR0, time is required before the
HCAN is internally reset. There is consequently a delay before GSR3 is cleared to 0 after
MCR0 is cleared to 0.
15.2.2
General Status Register (GSR)
The general status register (GSR) is an 8-bit readable/writable register that indicates the status of
the CAN bus.
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
GSR3
GSR2
GSR1
GSR0
Initial value:
0
0
0
0
1
1
0
0
R/W:
R
R
R
R
R
R
R
R
• Bits 7 to 4—Reserved: These bits always read 0. The write value should always be 0.
• Bit 3—Reset Status Bit (GSR3): Indicates whether the HCAN module is in the normal
operating state or the reset state. This bit cannot be modified.
Bit 3: MCR3
Description
0
Normal operating state
[Setting condition]
After an HCAN internal reset
1
Configuration mode
(Initial value)
[Reset condition]
MCR0-initiated reset state or sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com