Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 568 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 568 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 564Page - Renesas Technology Corp SH7052 Datasheet HTML 565Page - Renesas Technology Corp SH7052 Datasheet HTML 566Page - Renesas Technology Corp SH7052 Datasheet HTML 567Page - Renesas Technology Corp SH7052 Datasheet HTML 568Page - Renesas Technology Corp SH7052 Datasheet HTML 569Page - Renesas Technology Corp SH7052 Datasheet HTML 570Page - Renesas Technology Corp SH7052 Datasheet HTML 571Page - Renesas Technology Corp SH7052 Datasheet HTML 572Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 568 / 919 page
background image
542
Interrupt and Transmit Data Settings: When mailbox initialization is finished, CPU interrupt
source settings and data settings must be made. Interrupt source settings are made in the mailbox
interrupt mask register (MBIMR) and interrupt mask register (IMR), while transmit data settings
are made by writing the following three kinds of necessary data in the message control registers
(MCx[1] to MCx[8]) and message data registers (MDx[1] to MDx[8]).
1. CPU interrupt source settings
Transmission acknowledge and transmission abort acknowledge interrupts can be masked for
individual mailboxes in the mailbox interrupt mask register (MBIMR). Interrupt register (IRR)
interrupts can be masked in the interrupt mask register (IMR).
2. Arbitration field
In the arbitration field, the 11-bit identifier (STD_ID0 to STD_ID10) and RTR bit (standard
format) or 29-bit identifier (STD_ID0 to STD_ID10, EXT_ID0 to EXT_ID17) and IDE.RTR
bit (extended format) are set. The registers to be set are MCx[5] to MCx[8].
3. Control field
In the control field, the byte length of the data to be transmitted is set in DLC0 to DLC3. The
register to be set is MCx[1].
4. Data field
In the data field, the data to be transmitted is set in byte units in the range of 0 to 8 bytes. The
registers to be set are MDx[1] to MDx[8].
The number of bytes in the data actually transmitted depends on the data length code (DLC) in the
control field. If a value exceeding the value set in DLC is set in the data field, only the number of
bytes set in DLC will actually be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com