Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 564 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 564 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 560Page - Renesas Technology Corp SH7052 Datasheet HTML 561Page - Renesas Technology Corp SH7052 Datasheet HTML 562Page - Renesas Technology Corp SH7052 Datasheet HTML 563Page - Renesas Technology Corp SH7052 Datasheet HTML 564Page - Renesas Technology Corp SH7052 Datasheet HTML 565Page - Renesas Technology Corp SH7052 Datasheet HTML 566Page - Renesas Technology Corp SH7052 Datasheet HTML 567Page - Renesas Technology Corp SH7052 Datasheet HTML 568Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 919 page
background image
538
Example: With a 1 Mb/s baud rate and a 40 MHz input clock:
20 MHz
2
× (0 + 1) × (3 + 4 + 3)
1 Mb/s =
Set Values
Actual Values
f
CLK
40 MHz/2
—
BRP
0 (B'000000)
System clock
× 2
TSEG1
4 (B'0100)
5TQ
TSEG2
3 (B'011)
4TQ
Mailbox Transmit/Receive Settings: HCAN0 and HCAN1 each have 16 mailboxes. Mailbox 0 is
receive-only, while mailboxes 1 to 15 can be set for transmission or reception. Mailboxes that can
be set for transmission or reception must be designated either for transmission use or for reception
use before communication begins. The Initial status of mailboxes 1 to 15 is for transmission (while
mailbox 0 is for reception only). Mailbox transmit/receive settings are not initialized by a software
reset.
• Setting for transmission
Transmit mailbox setting (mailboxes 1 to 15)
Clearing a bit to 0 in the mailbox configuration register (MBCR) designates the corresponding
mailbox for transmission use. After a reset, mailboxes are initialized for transmission use, so
this setting is not necessary.
• Setting for reception
Transmit/receive mailbox setting (mailboxes 1 to 15)
Setting a bit to 1 in the mailbox configuration register (MBCR) designates the corresponding
mailbox for reception use. When setting mailboxes for reception, to improve message
transmission efficiency, high-priority messages should be set in low-to-high mailbox order
(priority order: mailbox 1 (MCx[1]) > mailbox 15 (MCx[15])).
• Receive-only mailbox (mailbox 0)
No setting is necessary, as this mailbox is always used for reception.
Mailbox (Message Control/Data (MCx[x], MDx[x]) Initial Settings: After power is supplied,
all registers and RAM (message control/data, control registers, status registers, etc.) are initialized.
Message control/data (MCx[x], MDx[x]) only are in RAM, and so their values are undefined.
Initial values must therefore be set in all the mailboxes (by writing 0s or 1s).
Setting the Message Transmission Method: Either of the following message transmission
methods can be selected with the message transmission method bit (MCR2) in the master control
register (MCR):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com