Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 563 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 563 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 559Page - Renesas Technology Corp SH7052 Datasheet HTML 560Page - Renesas Technology Corp SH7052 Datasheet HTML 561Page - Renesas Technology Corp SH7052 Datasheet HTML 562Page - Renesas Technology Corp SH7052 Datasheet HTML 563Page - Renesas Technology Corp SH7052 Datasheet HTML 564Page - Renesas Technology Corp SH7052 Datasheet HTML 565Page - Renesas Technology Corp SH7052 Datasheet HTML 566Page - Renesas Technology Corp SH7052 Datasheet HTML 567Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 919 page
background image
537
Table 15.4
BCR Setting Limits
Name
Abbreviation
Min. Value
Max. Value
Unit
Time segment 1
TSEG1
4
16
TQ
Time segment 2
TSEG2
2
8
TQ
Baud rate prescaler
BRP
2
128
System
clock
Sample point
SAM
1
3
Point
Re-synchronization jump width
SJW
1
4
TQ
Settable Variable Limits
• The bit width consists of the total of the settable time quanta (TQ). TQ (number of system
clocks) is determined by the baud rate prescaler (BRP).
TQ = (2*(BRP + 1))/(f
CLK)
f
CLK = Pφ
• The minimum value of SJW is stipulated in the CAN specifications.
4
≥ SJW ≥ 1
• The minimum value of TSEG1 is stipulated in the CAN specifications.
TSEG1
≥ TSEG2
• The minimum value of TSEG2 is stipulated in the CAN specifications.
TSEG2
≥ (1 + SJW)
The following formula is used to calculate the baud rate.
fCLK
2
× (BRP + 1) × (3 + TSEG1 + TSEG2)
Bit rate [b/s] =
Note:
f
CLK = Pφ (peripheral clock: φ/2]
The BCR values are used for BRP, TSEG1, and TSEG2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com