Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 559 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 559 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 555Page - Renesas Technology Corp SH7052 Datasheet HTML 556Page - Renesas Technology Corp SH7052 Datasheet HTML 557Page - Renesas Technology Corp SH7052 Datasheet HTML 558Page - Renesas Technology Corp SH7052 Datasheet HTML 559Page - Renesas Technology Corp SH7052 Datasheet HTML 560Page - Renesas Technology Corp SH7052 Datasheet HTML 561Page - Renesas Technology Corp SH7052 Datasheet HTML 562Page - Renesas Technology Corp SH7052 Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 919 page
background image
533
15.3
Operation
15.3.1
Hardware Reset and Software Reset
There are two ways of resetting the HCAN: Hardware reset, software reset
Hardware Reset (power-on reset or hardware/software standby): The MCR reset request bit
(MCR0) in MCR and the reset state bit (GSR3) in GSR within the HCAN are automatically set
and initialization is performed. At the same time, all internal registers are initialized. However
mailbox (RAM) contents are not initialized. A flowchart of this reset is shown in figure 15.5.
Software Reset: In normal operation, HCAN is initialized by setting the MCR reset request bit
(MCR0) in MCR. With this kind of reset, if the CAN controller is performing a communication
operation (transmission or reception), the initialization state is not entered until the message has
been completed. During initialization, the reset state bit (GSR3) in GSR is set. In this kind of
initialization, the error counters (TEC and REC) are initialized but other registers and RAM are
not. A flowchart of this reset is shown in figure 15.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com