Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 555 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 555 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 551Page - Renesas Technology Corp SH7052 Datasheet HTML 552Page - Renesas Technology Corp SH7052 Datasheet HTML 553Page - Renesas Technology Corp SH7052 Datasheet HTML 554Page - Renesas Technology Corp SH7052 Datasheet HTML 555Page - Renesas Technology Corp SH7052 Datasheet HTML 556Page - Renesas Technology Corp SH7052 Datasheet HTML 557Page - Renesas Technology Corp SH7052 Datasheet HTML 558Page - Renesas Technology Corp SH7052 Datasheet HTML 559Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 919 page
background image
529
• MCx[1] Bits 7 to 4—Reserved: The initial value of these bits is undefined; they must be
initialized (by writing 0 or 1).
• MCx[1] Bits 3 to 0: Data Length Code (DLC3 to 0): These bits indicate the required length of
data frames and remote frames.
Bit 3:
DLC3
Bit 2:
DLC2
Bit 1:
DLC1
Bit 0:
DLC0
Description
0000
Data length = 0 bytes
1
Data length = 1 byte
1
0
Data length = 2 bytes
1
Data length = 3 bytes
1
0
0
Data length = 4 bytes
1
Data length = 5 bytes
1
0
Data length = 6 bytes
1
Data length = 7 bytes
1
***
Data length = 8 bytes
*: Don’t care
• MCx[2] Bits 7 to 0—Reserved: The initial value of these bits is undefined; they must be
initialized (by writing 0 or 1).
• MCx[3] Bits 7 to 0—Reserved: The initial value of these bits is undefined; they must be
initialized (by writing 0 or 1).
• MCx[4] Bits 7 to 0—Reserved: The initial value of these bits is undefined; they must be
initialized (by writing 0 or 1).
• MCx[6] Bits 7 to 0: Standard Identifier (STD_ID10 to STD_ID3)
MCx[5] Bits 7 to 5: Standard Identifier (STD_ID2 to STD_ID0)
These bits set the identifier (standard identifier) of data frames and remote frames.
Standard identifier
SOF ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
RTR
STD_IDxx
IDE
SRR
Figure 15.3 Standard Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com