Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 553 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 553 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 549Page - Renesas Technology Corp SH7052 Datasheet HTML 550Page - Renesas Technology Corp SH7052 Datasheet HTML 551Page - Renesas Technology Corp SH7052 Datasheet HTML 552Page - Renesas Technology Corp SH7052 Datasheet HTML 553Page - Renesas Technology Corp SH7052 Datasheet HTML 554Page - Renesas Technology Corp SH7052 Datasheet HTML 555Page - Renesas Technology Corp SH7052 Datasheet HTML 556Page - Renesas Technology Corp SH7052 Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 919 page
background image
527
Bit x: LAFMHx
Description
0
Stored in MC0 and MD0 (receive-only mailbox) depending on bit match
between MC0 message identifier and receive message identifier
(Initial value)
1
Stored in MC0 and MD0 (receive-only mailbox) regardless of bit match
between MC0 message identifier and receive message identifier
• LAFMH Bits 12 to 10—Reserved: These bits always read 0. The write value should always be
0.
• LAFMH Bits 9 and 8, LAFML bits 15 to 0—18-Bit Identifier Filter (LAFMH1, 0, LAFML15
to 0): Filter mask bits for the 18 bits of the receive message identifier (extended).
Bit x: LAFMHx
LAFMLx
Description
0
Stored in MC0 and MD0 (receive-only mailbox) depending on bit match
between MC0 message identifier and receive message identifier
(Initial value)
1
Stored in MC0 and MD0 (receive-only mailbox) regardless of bit match
between MC0 message identifier and receive message identifier
15.2.18
Message Control (MC0 to MC15)
The message control register sets (MC0 to MC15) consist of eight 8-bit readable/writable registers
(MCx[1] to MCx[8]). The HCAN has 16 sets of these registers (MC0 to MC15).
The initial value of these registers is undefined, so they must be initialized (by writing 0 or 1).
MCx [1]
Bit:
7
6
5
4
3
2
1
0
DLC3
DLC2
DLC1
DLC0
Initial value:
——
——
———
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MCx [2]
Bit:
7
6
5
4
3
2
1
0
Initial value:
——
——
———
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com