Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 546Page - Renesas Technology Corp SH7052 Datasheet HTML 547Page - Renesas Technology Corp SH7052 Datasheet HTML 548Page - Renesas Technology Corp SH7052 Datasheet HTML 549Page - Renesas Technology Corp SH7052 Datasheet HTML 550Page - Renesas Technology Corp SH7052 Datasheet HTML 551Page - Renesas Technology Corp SH7052 Datasheet HTML 552Page - Renesas Technology Corp SH7052 Datasheet HTML 553Page - Renesas Technology Corp SH7052 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 919 page
background image
524
• Bit 4—Bus Operation Interrupt Mask (IMR12): Enables or disables interrupt requests due to
bus operation in sleep mode.
Bit 4: IMR12
Description
0
Bus operation interrupt request (OVR) by IRR12 to CPU enabled
1
Bus operation interrupt request (OVR) by IRR12 to CPU disabled
(Initial value)
• Bit 1—Unread Interrupt Mask (IMR9): Enables or disables unread receive message overwrite
interrupt requests.
Bit 1: IMR9
Description
0
Unread message overwrite interrupt request (OVR) by IRR9 to CPU enabled
1
Unread message overwrite interrupt request (OVR) by IRR9 to CPU
disabled
(Initial value)
• Bit 0—Mailbox Empty Interrupt Mask (IMR8): Enables or disables mailbox empty interrupt
requests.
Bit 0: IMR8
Description
0
Mailbox empty interrupt request (SLE) by IRR8 to CPU enabled
1
Mailbox empty interrupt request (SLE) by IRR8 to CPU disabled
(Initial value)
15.2.14
Receive Error Counter (REC)
The receive error counter (REC) is an 8-bit read-only register that functions as a counter indicating
the number of receive message errors on the CAN bus. The count value is stipulated in the CAN
protocol.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com