Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 549 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 549 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 545Page - Renesas Technology Corp SH7052 Datasheet HTML 546Page - Renesas Technology Corp SH7052 Datasheet HTML 547Page - Renesas Technology Corp SH7052 Datasheet HTML 548Page - Renesas Technology Corp SH7052 Datasheet HTML 549Page - Renesas Technology Corp SH7052 Datasheet HTML 550Page - Renesas Technology Corp SH7052 Datasheet HTML 551Page - Renesas Technology Corp SH7052 Datasheet HTML 552Page - Renesas Technology Corp SH7052 Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 919 page
background image
523
• Bit 12—Receive Overload Warning Interrupt Mask (IMR4): Enables or disables error warning
interrupt requests caused by the receive error counter.
Bit 12: IMR4
Description
0
REC error warning interrupt request (OVR) by IRR4 to CPU enabled
1
REC error warning interrupt request (OVR) by IRR4 to CPU disabled
(Initial value)
• Bit 11—Transmit Overload Warning Interrupt Mask (IMR3): Enables or disables error
warning interrupt requests caused by the transmit error counter.
Bit 11: IMR3
Description
0
TEC error warning interrupt request (OVR) by IRR3 to CPU enabled
1
TEC error warning interrupt request (OVR) by IRR3 to CPU disabled
(Initial value)
• Bit 10—Remote Frame Request Interrupt Mask (IMR2): Enables or disables remote frame
reception interrupt requests.
Bit 10: IMR2
Description
0
Remote frame reception interrupt request (OVR) by IRR2 to CPU enabled
1
Remote frame reception interrupt request (OVR) by IRR2 to CPU disabled
(Initial value)
• Bit 9—Receive Message Interrupt Mask (IMR1): Enables or disables message reception
interrupt requests.
Bit 9: IMR1
Description
0
Message reception interrupt request (RM) by IRR1 to CPU enabled
1
Message reception interrupt request (RM) by IRR1 to CPU disabled
(Initial value)
• Bit 8—Reserved: This bit always reads 0. The write value should always be 0.
• Bits 7 to 5, 3, and 2—Reserved: These bits always read 1. The write value should always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com