Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 551 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 551 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 547Page - Renesas Technology Corp SH7052 Datasheet HTML 548Page - Renesas Technology Corp SH7052 Datasheet HTML 549Page - Renesas Technology Corp SH7052 Datasheet HTML 550Page - Renesas Technology Corp SH7052 Datasheet HTML 551Page - Renesas Technology Corp SH7052 Datasheet HTML 552Page - Renesas Technology Corp SH7052 Datasheet HTML 553Page - Renesas Technology Corp SH7052 Datasheet HTML 554Page - Renesas Technology Corp SH7052 Datasheet HTML 555Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 919 page
background image
525
15.2.15
Transmit Error Counter (TEC)
The transmit error counter (TEC) is an 8-bit read-only register that functions as a counter
indicating the number of transmit message errors on the CAN bus. The count value is stipulated in
the CAN protocol.
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
15.2.16
Unread Message Status Register (UMSR)
The unread message status register (UMSR) is a 16-bit readable/writable register containing status
flags that indicate, for individual mailboxes (buffers), that a received message has been
overwritten by a new receive message before being read. When an unread message is overwritten
by a new receive message, the old data is lost.
Bit:
15
14
13
12
11
10
9
8
UMSR7
UMSR6
UMSR5
UMSR4
UMSR3
UMSR2
UMSR1
UMSR0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
UMSR15
UMSR14 UMSR13
UMSR12 UMSR11
UMSR10
UMSR9
UMSR8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15 to 0—Unread Message Status Flags (UMSR7 to 0, UMSR15 to 8): Status flags
indicating that an unread receive message has been overwritten.
Bit x: UMSRx
Description
0
[Clearing condition]
Writing 1
(Initial value)
1
Unread receive message is overwritten by a new message
[Setting condition]
When a new message is received before RXPR is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com