Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 602 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 602 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 598Page - Renesas Technology Corp SH7052 Datasheet HTML 599Page - Renesas Technology Corp SH7052 Datasheet HTML 600Page - Renesas Technology Corp SH7052 Datasheet HTML 601Page - Renesas Technology Corp SH7052 Datasheet HTML 602Page - Renesas Technology Corp SH7052 Datasheet HTML 603Page - Renesas Technology Corp SH7052 Datasheet HTML 604Page - Renesas Technology Corp SH7052 Datasheet HTML 605Page - Renesas Technology Corp SH7052 Datasheet HTML 606Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 919 page
background image
576
16.3
CPU Interface
A/D data registers 0 to 15 (ADDR0 to ADDR15) are 16-bit registers, but they are connected to the
CPU by an 8-bit data bus. Therefore, the upper and lower bytes must be read separately.
To prevent the data being changed between the reads of the upper and lower bytes of an A/D data
register, the lower byte is read via a temporary register (TEMP). The upper byte can be read
directly.
Data is read from an A/D data register as follows. When the upper byte is read, the upper-byte
value is transferred directly to the CPU and the lower-byte value is transferred into TEMP. Next,
when the lower byte is read, the TEMP contents are transferred to the CPU.
When performing byte-size reads on an A/D data register, always read the upper byte before the
lower byte. It is possible to read only the upper byte, but if only the lower byte is read, incorrect
data may be obtained. If a word-size read is performed on an A/D data register, reading is
performed in upper byte, lower byte order automatically.
Figure 16.2 shows the data flow for access to an A/D data register.
CPU
(H'AA)
TEMP
(H'40)
ADDRnL
(H'40)
ADDRnH
(H'AA)
Module data bus
Upper-byte read
CPU
(H'40)
TEMP
(H'40)
ADDRnL
(H'40)
ADDRnH
(H'AA)
Bus
interface
Module data bus
Lower-byte read
Bus
interface
Figure 16.2 A/D Data Register Access Operation (Reading H'AA40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com