Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 601 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 601 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 597Page - Renesas Technology Corp SH7052 Datasheet HTML 598Page - Renesas Technology Corp SH7052 Datasheet HTML 599Page - Renesas Technology Corp SH7052 Datasheet HTML 600Page - Renesas Technology Corp SH7052 Datasheet HTML 601Page - Renesas Technology Corp SH7052 Datasheet HTML 602Page - Renesas Technology Corp SH7052 Datasheet HTML 603Page - Renesas Technology Corp SH7052 Datasheet HTML 604Page - Renesas Technology Corp SH7052 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 919 page
background image
575
16.2.5
A/D Trigger Registers 0 and 1 (ADTRGR0, ADTRGR1)
The A/D trigger registers (ADTRGR0 and ADTRGR1) are 8-bit readable/writable registers that
select the A/D0 and A/D1 triggers. Either external pin (
ADTRG0) or ATU-II (ATU-II interval
timer A/D conversion request) triggering can be selected.
ADTRG0 and ADTRG1 are initialized to H'FF by a power-on reset and in hardware standby
mode. They are not initialized in software standby mode.
Bit:
7
6
5
4
3
2
1
0
EXTRG
—
—
—
—
—
—
—
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R
R
R
R
R
R
R
• Bit 7—Trigger Enable (EXTRG): Selects external pin input (ADTRG0) or the ATU-II interval
timer A/D conversion request.
Bit 7:
EXTRG
Description
0
A/D conversion is triggered by the ATU-II channel 0 interval timer A/D conversion
request
1
A/D conversion is triggered by external pin input (
ADTRG)
(Initial value)
In order to select external triggering or ATU-II triggering, the TGRE bit in ADCR0 and
ADCR1 must be set to 1. For details, see section 16.2.3, A/D Control Registers 0 and 1.
• Bits 6 to 0—Reserved: These bits are always read as 1, and should only be written with 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com