Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 597 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 597 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 593Page - Renesas Technology Corp SH7052 Datasheet HTML 594Page - Renesas Technology Corp SH7052 Datasheet HTML 595Page - Renesas Technology Corp SH7052 Datasheet HTML 596Page - Renesas Technology Corp SH7052 Datasheet HTML 597Page - Renesas Technology Corp SH7052 Datasheet HTML 598Page - Renesas Technology Corp SH7052 Datasheet HTML 599Page - Renesas Technology Corp SH7052 Datasheet HTML 600Page - Renesas Technology Corp SH7052 Datasheet HTML 601Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 919 page
background image
571
• Bit 6—Clock Select (CKS): Selects the A/D conversion time. A/D conversion is executed in a
maximum of 532 states when CKS is 0, and a maximum of 268 states when 1. To prevent
incorrect operation, ensure that the ADST bit A/D control registers 0 and 1 (ADCR0 and
ADCR1) is cleared to 0 before changing the A/D conversion time. For details, see section
16.4.3, Analog Input Sampling and A/D Conversion Time.
Bit 6:
CKS
Description
0
Conversion time = 532 states (maximum)
(Initial value)
1
Conversion time = 268 states (maximum)
• Bit 5—A/D Start (ADST): Starts or stops A/D conversion. A/D conversion is started when
ADST is set to 1, and stopped when ADST is cleared to 0.
Bit 5:
ADST
Description
0
A/D conversion is stopped
(Initial value)
1
A/D conversion is being executed
[Clearing conditions]
• Single mode: Automatically cleared to 0 when A/D conversion ends
• Scan mode: Automatically cleared to 0 on completion of one round of conversion
on all set channels (single-cycle scan)
Note that the operation of the ADST bit differs between single mode and scan mode.
In single mode, ADST is automatically cleared to 0 when A/D conversion ends on one
channel. In scan mode (continuous scan), when all conversions have ended for the selected
analog inputs, ADST remains set to 1 in order to start A/D conversion again for all the
channels. Therefore, in scan mode (continuous scan), the ADST bit must be cleared to 0,
stopping A/D conversion, before changing the conversion time or the analog input channel
selection. However, in scan mode (single-cycle scan), the ADST bit is automatically cleared to
0, stopping A/D conversion, when one round of conversion ends on all the set channels.
Ensure that the ADST bit in ADCR0 and ADCR1 is cleared to 0 before switching the
operating mode.
Also, make sure that A/D conversion is stopped (ADST is cleared to 0) before changing A/D
interrupt enabling (bit ADIE in ADCSR0 and ADCSR1), the A/D conversion time (bit CKS in
ADCR0 and ADCR1), the operating mode (bits ADM1 and ADM0 in ADSCR0 and
ADCSR1), or the analog input channel selection (bits CH3 to CH0 in ADCSR0 and ADCSR1).
The A/D data register contents will not be guaranteed if these changes are made while the A/D
converter is operating (ADST is set to 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com