Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 593 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 593 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 589Page - Renesas Technology Corp SH7052 Datasheet HTML 590Page - Renesas Technology Corp SH7052 Datasheet HTML 591Page - Renesas Technology Corp SH7052 Datasheet HTML 592Page - Renesas Technology Corp SH7052 Datasheet HTML 593Page - Renesas Technology Corp SH7052 Datasheet HTML 594Page - Renesas Technology Corp SH7052 Datasheet HTML 595Page - Renesas Technology Corp SH7052 Datasheet HTML 596Page - Renesas Technology Corp SH7052 Datasheet HTML 597Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 593 / 919 page
background image
567
The operation of the A/D converter after ADF is set to 1 differs between single mode and scan
mode.
In single mode, after the A/D converter transfers the digital value to ADDR, ADF is set to 1
and the A/D converter enters the idle state. In scan mode (continuous scanning), after all the
set conversions end ADF is set to 1 and conversion is continued. For example, in the case of
12-channel scanning, ADF is set to 1 immediately after the end of conversion for AN8 to
AN11 (group 2).
In scan mode (single-cycle scanning), after all the set analog conversions end ADF is set to 1
and conversion is terminated. For example, in the case of 12-channel scanning, ADF is set to 1
immediately after the end of conversion for AN0 to AN11.
• Bit 6—A/D Interrupt Enable (ADIE): Enables or disables the A/D interrupt (ADI).
To prevent incorrect operation, ensure that the ADST bit in A/D control registers 0 and 1
(ADCR0) is cleared to 0 before switching the operating mode.
Bit 6:
ADIE
Description
0
A/D interrupt (ADI0) is disabled
(Initial value)
1
A/D interrupt (ADI0) is enabled
When A/D conversion ends and the ADF bit is set to 1, an A/D0 or A/D1 A/D interrupt (ADI0,
ADI1) will be generated If the ADIE bit is 1. ADI0 and ADI1 are cleared by clearing ADF or
ADIE to 0.
• Bits 5 and 4: A/D Mode 1 and 0 (ADM1, ADM0): These bits select the A/D conversion mode
from single mode, 4-channel scan mode, 8-channel scan mode, and 12-channel scan mode.
To prevent incorrect operation, ensure that the ADST bit in A/D control registers 1 and 0
(ADCR1, ADCR0) is cleared to 0 before switching the operating mode.
Bit 5:
ADM1
Bit 4:
ADM0
Description
0
0
Single mode
(Initial value)
1
4-channel scan mode (analog groups 0, 1, 2)
1
0
8-channel scan mode (analog groups 0, 1)
1
12-channel scan mode (analog groups 0, 1, 2)
When ADM1 and ADM0 are set to 00, single mode is set. In single mode, operation ends after
A/D conversion has been performed once on the analog channels selected with bits CH3 to
CH0 in ADCSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com