Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 591 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 591 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 587Page - Renesas Technology Corp SH7052 Datasheet HTML 588Page - Renesas Technology Corp SH7052 Datasheet HTML 589Page - Renesas Technology Corp SH7052 Datasheet HTML 590Page - Renesas Technology Corp SH7052 Datasheet HTML 591Page - Renesas Technology Corp SH7052 Datasheet HTML 592Page - Renesas Technology Corp SH7052 Datasheet HTML 593Page - Renesas Technology Corp SH7052 Datasheet HTML 594Page - Renesas Technology Corp SH7052 Datasheet HTML 595Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 591 / 919 page
background image
565
16.2
Register Descriptions
16.2.1
A/D Data Registers 0 to 15 (ADDR0 to ADDR15)
A/D data registers 0 to 15 (ADDR0 to ADDR15) are 16-bit read-only registers that store the
results of A/D conversion. There are 31 registers, corresponding to analog inputs 0 to 15 (AN0 to
AN15).
The ADDR registers are initialized to H'0000 by a power-on reset, and in hardware standby mode
and software standby mode.
Bit:
7
6
5
4
3
2
1
0
ADDRnH
(upper byte)
AD9
AD8
AD7
AD6
AD5
ADR
AD3
AD2
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
ADDRnL
(lower byte)
AD1
AD0
—
—
—
—
—
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
(n = 0 to 15)
The A/D converter converts analog input to a 10-bit digital value. The upper 8 bits of this data are
stored in the upper byte of the ADDR corresponding to the selected channel, and the lower 2 bits
in the lower byte of that ADDR. Only the most significant 2 bits of the ADDR lower byte data are
valid.
Table 16.3 shows correspondence between the analog input channels and A/D data registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com