Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 590 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 590 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 586Page - Renesas Technology Corp SH7052 Datasheet HTML 587Page - Renesas Technology Corp SH7052 Datasheet HTML 588Page - Renesas Technology Corp SH7052 Datasheet HTML 589Page - Renesas Technology Corp SH7052 Datasheet HTML 590Page - Renesas Technology Corp SH7052 Datasheet HTML 591Page - Renesas Technology Corp SH7052 Datasheet HTML 592Page - Renesas Technology Corp SH7052 Datasheet HTML 593Page - Renesas Technology Corp SH7052 Datasheet HTML 594Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 590 / 919 page
background image
564
16.1.4
Register Configuration
Table 16.2 summarizes the A/D converter’s registers.
Table 16.2
A/D Converter Registers
Name
Abbreviation
R/W
Initial
Value
Address
Access
Size*
1
A/D data register 0 (H/L)
ADDR0 (H/L)
R
H'0000
H'FFFFF800
8, 16
A/D data register 1 (H/L)
ADDR1 (H/L)
R
H'0000
H'FFFFF802
8, 16
A/D data register 2 (H/L)
ADDR2 (H/L)
R
H'0000
H'FFFFF804
8, 16
A/D data register 3 (H/L)
ADDR3 (H/L)
R
H'0000
H'FFFFF806
8, 16
A/D data register 4 (H/L)
ADDR4 (H/L)
R
H'0000
H'FFFFF808
8, 16
A/D data register 5 (H/L)
ADDR5 (H/L)
R
H'0000
H'FFFFF80A
8, 16
A/D data register 6 (H/L)
ADDR6 (H/L)
R
H'0000
H'FFFFF80C
8, 16
A/D data register 7 (H/L)
ADDR7 (H/L)
R
H'0000
H'FFFFF80E
8, 16
A/D data register 8 (H/L)
ADDR8 (H/L)
R
H'0000
H'FFFFF810
8, 16
A/D data register 9 (H/L)
ADDR9 (H/L)
R
H'0000
H'FFFFF812
8, 16
A/D data register 10 (H/L)
ADDR10 (H/L)
R
H'0000
H'FFFFF814
8, 16
A/D data register 11 (H/L)
ADDR11 (H/L)
R
H'0000
H'FFFFF816
8, 16
A/D data register 12 (H/L)
ADDR12 (H/L)
R
H'0000
H'FFFFF820
8, 16
A/D data register 13 (H/L)
ADDR13 (H/L)
R
H'0000
H'FFFFF822
8, 16
A/D data register 14 (H/L)
ADDR14 (H/L)
R
H'0000
H'FFFFF824
8, 16
A/D data register 15 (H/L)
ADDR15 (H/L)
R
H'0000
H'FFFFF826
8, 16
A/D control/status register 0
ADCSR0
R/(W)*
2
H'00
H'FFFFF818
8, 16
A/D control register 0
ADCR0
R/W
H'0F
H'FFFFF819
8, 16
A/D trigger register 0
ADTRGR0
R/W
H'FF
H'FFFFF76E
8
A/D control/status register 1
ADCSR1
R/(W)*
2
H'00
H'FFFFF838
8, 16
A/D control register 1
ADCR1
R/W
H'0F
H'FFFFF839
8, 16
A/D trigger register 1
ADTRGR1
R/W
H'FF
H'FFFFF72E
8
Notes: Register accesses consist of 6 or 7 cycles for byte access and 12 or 13 cycles for word
access.
1. A 16-bit access must be made on a word boundary.
2. Only 0 can be written to bit 7, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com