Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 588 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 588 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 584Page - Renesas Technology Corp SH7052 Datasheet HTML 585Page - Renesas Technology Corp SH7052 Datasheet HTML 586Page - Renesas Technology Corp SH7052 Datasheet HTML 587Page - Renesas Technology Corp SH7052 Datasheet HTML 588Page - Renesas Technology Corp SH7052 Datasheet HTML 589Page - Renesas Technology Corp SH7052 Datasheet HTML 590Page - Renesas Technology Corp SH7052 Datasheet HTML 591Page - Renesas Technology Corp SH7052 Datasheet HTML 592Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 588 / 919 page
background image
562
16.1.3
Pin Configuration
Table 16.1 summarizes the A/D converter’s input pins. There are 16 analog input pins, AN0 to
AN15. The 12 pins AN0 to AN11 are A/D0 analog inputs, divided into three groups: AN0 to AN3
(group 0), AN4 to AN7 (group 1), and AN8 to AN11 (group 2). The 4 pins AN12 to AN15 are
A/D1 analog inputs, which is one group: AN12 to AN15 (group 3).
The
ADTRG0 pin is used to provide A/D conversion start timing from off-chip. When a low level
is applied to one of these pins, A/D0 or A/D1 starts conversion.
The AV
CC and AVSS pins are power supply voltage pins for the analog section in A/D converter
modules A/D0 and A/D1. The AV
ref pin is the A/D converter module A/D0 and A/D1 reference
voltage pin.
To maintain chip reliability, ensure that AV
CC = 5 V ±0.5 V and AVSS = VSS during normal
operation, and never leave the AV
CC and AVSS pins open, even when the A/D converter is not
being used.
The voltage applied to the analog input pins should be in the range AV
SS ≤ ANn ≤ AVref.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com